Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 16Page - Maxim Integrated Products MAX77751 Datasheet HTML 17Page - Maxim Integrated Products MAX77751 Datasheet HTML 18Page - Maxim Integrated Products MAX77751 Datasheet HTML 19Page - Maxim Integrated Products MAX77751 Datasheet HTML 20Page - Maxim Integrated Products MAX77751 Datasheet HTML 21Page - Maxim Integrated Products MAX77751 Datasheet HTML 22Page - Maxim Integrated Products MAX77751 Datasheet HTML 23Page - Maxim Integrated Products MAX77751 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 20
operates from a 4.3V to 13.7V source and delivers up to 3.15A to the battery. The battery charge current is programmable
from 500mA to 3.15A with an external resistor.
As a boost converter, the DC-DC uses energy from the battery to boost the voltage at BYP. The boosted BYP voltage
supplies the power to CHGIN as USB OTG voltage, which is fixed to 5.1V.
Maxim’s Smart Power Selector architecture makes the best use of the limited adapter power and the battery power at all
times to supply up to the Buck Current Limit from the buck to the system (supplement mode also provides additional
current from the battery to the system up to B2SOVRC). Adapter power that is not used for the system goes to charging
the battery. All power switches for charging and switching the system load between the battery and adapter power are
included on chip
—no external MOSFETs are required.
Maxim’s proprietary process technology allows for low-RDSON devices in a small solution size. The total dropout
resistance from adapter power input to the battery is 165mΩ (typ) assuming that the inductor has 0.04Ω of ESR. This
165mΩ typical dropout resistance allows for charging a battery up to 3.0A from a 5V supply. The resistance from the
BATT-to-
SYS node is 20mΩ, allowing for low-power dissipation and long battery life.
A multitude of safety features ensures reliable charging. Features include a charge timer, junction thermal regulation,
over/undervoltage protection, and short circuit protection.
The BATT-to-SYS switch has overcurrent protection (see the Battery Overcurrent Protection section for more information).
Smart Power Selector
The Smart Power Selector (SPS) architecture is a network of internal switches and control loops that distributes energy
between CHGIN, BYP, SYS, and BATT.
Figure 1
shows a simplified arrangement for the smart power selector’s power steering switches. Figure 2 shows a more
detailed arrangement of the smart power selector switches and gives them the following names: QCHGIN, QHS, QLS, and
QBAT.
Switch and Control Loop Descriptions
• CHGIN Input Switch: QCHGIN provides input overvoltage protection of +16V. The input switch is either completely on
or completely off. As shown in Figure 2, there are SPS control loops that monitor the current through the input switches
as well as the input voltage.
• DC-DC Switches: QHS and QLS are the DC-DC switches which can operate as a buck (step-down) or a boost (step-
up). When operating as a buck, energy is moved from BYP to SYS. When operating as a boost, energy is moved from
SYS to BYP. SPS control loops monitor the DC-DC switch current, the SYS voltage, and the BYP voltage.
• Battery-to-System Switch: QBAT controls the battery charging and discharging. Additionally, QBAT allows the battery
to be isolated from the system (SYS). An SPS control loop monitors the QBAT current.
SYS Regulation Voltage
• When the DC-DC is enabled as a buck and the charger is enabled but in a non-charging state (i.e., Done, thermal
shutdown, or timer fault), VSYS is regulated to VBATTREG and QBAT is off.
• When the DC-DC is enabled as a buck and is charging in trickle-charge, fast-charge, or top-off modes, VSYS is
regulated to VSYSMIN when the VPRECHG < VBATT < VSYSMIN. Additionally, when the DC-DC is enabled as a buck
and is charging in precharge mode (VBATT < VPRECHG), VSYS is regulated to VBATTREG. In these modes, the QBAT
switch acts like a linear regulator and dissipates power [P = (VSYS - VBATT) × IBATT]. When VBATT > VSYSMIN, then
VSYS = VBATT + IBATT × RBAT2SYS. In this mode, the QBAT switch is closed.
For the above modes, if the combined SYS loading exceeds the input current limit, then VSYS drops to VBATT – VBSREG,
and the battery provides supplemental current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com