Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 21Page - Maxim Integrated Products MAX77751 Datasheet HTML 22Page - Maxim Integrated Products MAX77751 Datasheet HTML 23Page - Maxim Integrated Products MAX77751 Datasheet HTML 24Page - Maxim Integrated Products MAX77751 Datasheet HTML 25Page - Maxim Integrated Products MAX77751 Datasheet HTML 26Page - Maxim Integrated Products MAX77751 Datasheet HTML 27Page - Maxim Integrated Products MAX77751 Datasheet HTML 28Page - Maxim Integrated Products MAX77751 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 25
Fast-Charge Constant Current State
As shown in Figure 6, the fast-charge constant current (CC) state occurs when the battery voltage is greater than the
trickle threshold and less than the battery regulation threshold (VTRICKLE < VBATT < VBATTREG).
In the fast-charge CC state, the current into the battery is less than or equal to IFC. The charge current can be less than
IFC for any of the following reasons:
• The charger input current is lower than the input current limit
• The charger input voltage is low
• The charger is in thermal foldback
• The system load is consuming adapter current. Note that the system load always gets priority over the battery charge
current.
The following events cause the state machine to exit this state:
• When the battery voltage rises above VBATTREG, the charger enters the next state in the charging cycle, fast-charge
constant voltage state.
• If the battery charger remains in this state for longer than tFC, the charger state machine transitions to the timer fault
state.
The battery charger dissipates the most power in the fast-charge CC state. This power dissipation causes the internal die
temperature to rise. If the die temperature exceeds TREG, IFC is reduced. See the Thermal Foldback section for more
information.
Fast-Charge Constant Voltage State
As shown in Figure 6, the fast-charge constant voltage (CV) state occurs when the battery voltage rises to VBATTREG
from the fast-charge CC state.
In the fast-charge CV state, the battery charger maintains VBATTREG across the battery, and the charge current is less
than or equal to IFC. As shown in Figure 5, the charger current decreases exponentially in this state as the battery
becomes fully charged.
The smart power selector control circuitry might reduce the charge current lower than the battery can otherwise consume
for any of the following reasons:
• The charger input current is lower than the input current limit
• The charger input voltage is low
• The charger is in thermal foldback
• The system load is consuming adapter current. Note that the system load always gets priority over the battery charge
current.
The following events cause the state machine to exit this state:
• When the charger current is below ITO for tTERM, the charger enters the next state in the charging cycle, top-off state.
• If the battery charger remains in this state for longer than tFC, the charger state machine transitions to the timer fault
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com