Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 27Page - Maxim Integrated Products MAX77751 Datasheet HTML 28Page - Maxim Integrated Products MAX77751 Datasheet HTML 29Page - Maxim Integrated Products MAX77751 Datasheet HTML 30Page - Maxim Integrated Products MAX77751 Datasheet HTML 31Page - Maxim Integrated Products MAX77751 Datasheet HTML 32Page - Maxim Integrated Products MAX77751 Datasheet HTML 33Page - Maxim Integrated Products MAX77751 Datasheet HTML 34Page - Maxim Integrated Products MAX77751 Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 31
Barrel Connectors
When a barrel connector is used in the application, there is no connection to determine the input current limit. Resistors
can be connected to mimic BC1.2 detection and/or CC detection to configure the desired input current limit. If the capacity
of the power source is 500mA, the MAX77751 can set the input current limit to 500mA by configuring resistors on DP/DN
for BC1.2 SDP (Figure 9
). R1 and R2 should have the same resistance with the recommended value of 20kΩ. Meanwhile,
if the capacity of the power source is 1.5A, the MAX77751 can set the input current limit to 1.5A by connecting a resistor
for BC1.2 DCP as shown in Figure 10
. The recommended value of resistor R is 200Ω.
MAX77751
CC2
CC1
DP
DN
CHGIN
VBUS
BARREL
CONNECTOR
R1
R2
Figure 9. Connections for a Barrel Connector (500mA Power Source)
MAX77751
CC2
CC1
DP
DN
CHGIN
VBUS
BARREL
CONNECTOR
R
Figure 10. Connections for a Barrel Connector (1.5A Power Source)
Enable Source Role
ENBST = high enables the MAX77751's source role. The MAX77751 disconnects Rd from the CC line and connects an
180μA current source to advertise the 5V/1.5A power source. The MAX77751 enables the reverse boost and supply
5.1V/1.5A through the CHGIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com