Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 12Page - Maxim Integrated Products MAX77751 Datasheet HTML 13Page - Maxim Integrated Products MAX77751 Datasheet HTML 14Page - Maxim Integrated Products MAX77751 Datasheet HTML 15Page - Maxim Integrated Products MAX77751 Datasheet HTML 16Page - Maxim Integrated Products MAX77751 Datasheet HTML 17Page - Maxim Integrated Products MAX77751 Datasheet HTML 18Page - Maxim Integrated Products MAX77751 Datasheet HTML 19Page - Maxim Integrated Products MAX77751 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 16
13, 14
BATT
Battery Power Connection. Connect to the positive terminal of a single-cell (or parallel cell) Li-ion battery.
Bypass BATT to PGND ground plane with a 10µF ceramic capacitor.
15, 16
SYS
System Power Node. Bypass SYS to PGND with a 2x10µF/10V ceramic capacitor.
17
PVL
Output of On-Chip LDO, Noisy Rail Due to Bootstrap Operation. Bypass with a 2.2µF/10V ceramic
capacitor to PGND. Powering external loads from PVL is not recommended.
18, 19
PGND
Power Ground. Connect the return of the buck output capacitor close to these pins.
20, 21
LX
Switching Node. Connect an inductor between LX and SYS. When the buck converter is enabled, LX
switches between BYP and PGND to control the input current, battery current, battery voltage, and die
temperature.
22
BYP
System Power Connection. Output of OVP adapter input block and input to switching charger. Bypass
with 22µF/16V ceramic capacitor from BYP to PGND.
23, 24
CHGIN
Charger Input. Up to 13.7V operating, 16VDC withstand input pin connected to an adapter or USB power
source. Connect a 2.2µF/16V ceramic capacitor from CHGIN to GND.
Functional Diagram
CHARGER INPUT S ENSE
AND CONTROL
BIAS AND REF
BC1.2,
USB TYPE-C CC
DETECTION
CHARGER SW
CONTROL,
REVERSE BOOST
SWITCH
MCU
(OPTIONAL)
+
2
2
2
2
2
SYS
SYS
DN
DP
CC2
CC1
VBUS
INOKB
CHGIN
PVL
VDD
ENBST
STAT
IFAST
ITOPOFF
BYP
BST
LX
PGND
SYS
BATT
SYS
10µF+
22µF
0.1µF
2x10µF/10V
BATTERY
PACK
10µF
1kΩ
2.2µF
2.2µF
2.2µF
1kΩ
24.3kΩ
24.9kΩ
GND
MAX77751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com