Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 15Page - Maxim Integrated Products MAX77751 Datasheet HTML 16Page - Maxim Integrated Products MAX77751 Datasheet HTML 17Page - Maxim Integrated Products MAX77751 Datasheet HTML 18Page - Maxim Integrated Products MAX77751 Datasheet HTML 19Page - Maxim Integrated Products MAX77751 Datasheet HTML 20Page - Maxim Integrated Products MAX77751 Datasheet HTML 21Page - Maxim Integrated Products MAX77751 Datasheet HTML 22Page - Maxim Integrated Products MAX77751 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 19
CHGIN
SYS
LX
PGND
BYP
BATT
INPUT CONTROL
10µF
16V
0603
QBAT
2x10µF
10V
0603
10µF
10V
0603
0.47µH
BYP
BATT
VUSB/VADP
JUNCTION
TEMPERATURE
SENSOR TEMP
SYS
DRV_OUT
1.3MHz
BUCK CONTROLLER
CHARGE CONTROLLER
REVERSE BOOST
CONTROLLER
CHARGE
TIMER
2.2µF
16V
0603
VMBATT
VSYS
TJ
WATCHDOG
QHS
QLS
UP TO 3.0A OF
CHARGE
CURRENT AND
UP TO 6A OF
DISCHARGE
CURRENT
BATT
GND
VBYP
VIBATT
+
RINSD
QCHGIN
BST
0.1µF
6.3V
0402
22µF
16V
0603
VCHGIN
MAX77751
UP TO +13.7V OPERATING
UP TO 3.0A INPUT CURRENT
Figure 2. Battery Charger Detailed Functional Diagram
Detailed Description
The MAX77751 includes a full-featured switch-mode charger for a one-cell lithium ion (Li+) or lithium polymer (Li-polymer)
battery. As shown in Figure 2, the current limit for the CHGIN input is automatically configured allowing the flexibility for
connection to either an AC-to-DC wall charger or a USB port.
The synchronous switch-mode DC-DC converter utilizes a high 1.3MHz switching frequency, which is ideal for portable
devices because it allows the use of small components while eliminating excessive heat generation. The DC-DC has both
a buck and a boost mode of operation. When charging the battery, the converter operates as a buck. The DC-DC buck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com