Electronic Components Datasheet Search
  English  ▼

X  

MAX77751 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 18Page - Maxim Integrated Products MAX77751 Datasheet HTML 19Page - Maxim Integrated Products MAX77751 Datasheet HTML 20Page - Maxim Integrated Products MAX77751 Datasheet HTML 21Page - Maxim Integrated Products MAX77751 Datasheet HTML 22Page - Maxim Integrated Products MAX77751 Datasheet HTML 23Page - Maxim Integrated Products MAX77751 Datasheet HTML 24Page - Maxim Integrated Products MAX77751 Datasheet HTML 25Page - Maxim Integrated Products MAX77751 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 22
Input Voltage Regulation Loop
An input voltage regulation loop allows the charger to be well behaved when it is attached to a poor-quality charge source.
The loop improves performance with relatively high resistance charge sources that exist when long cables are used or
devices are charged with noncompliant USB hub configurations.
The input voltage regulation loop automatically reduces the input current limit in order to keep the input voltage at
VCHGIN_REG. If the input current limit is reduced to ICHGIN_REG_OFF (50mA typ) and the input voltage is below
VCHGIN_REG, then the charger input is turned off.
Input Self-Discharge
When the charge source is removed, the input voltage decays below the UVLO threshold in time (tINSD). The input self-
discharge is implemented with a 44kΩ resistor (RINSD) from the CHGIN input to ground.
Charger States
The MAX77751 utilizes several charging states to safely and quickly charge batteries, as shown in Figure 5 and Figure 6.
Figure 5 shows an exaggerated view of a Li+/Li-Poly battery progressing through the following charge states when there
is no system load and the die and battery are close to room temperature: precharge ➔
trickle ➔ fast-charge ➔ top-off
➔ done.
Figure 5. Li+/Li-Poly Charge Profile
VTRICKLE
VBATTREG
ICHG ISET
ITO
ITRICKLE
VPRECHG
TIME
TIME
VRSTRT
0V
0A
IPRECHG
CHARGER
ENABLED
NOT TO SCALE, VCHGIN = 5.0V, ISYS = 0A, TJ = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com