Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 20Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
16
Instruction
Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
N-Bytes
Read Status
Register-2
35h
(S15-S8)
(2)
(continuous
)
Active Status
Interrupt
25h
Chip Erase
C7h/60h
Program/Erase
Suspend
75h
Program/Erase
Resume
7Ah
Deep
Power-down
B9h
Release
Power-down / ID
ABh
Dummy
Dummy
Dummy
(ID7-ID0)
(2
)
(continuous)
Release
Power-down
ABH
Manufacturer/De
vice ID
90h
Dummy
Dummy
00/01h
(MF7-MF0
)/
(ID7-ID0)
(ID7-ID0)
(
2)
/(MF7-M
F0)
(2)
(continuous)
Read JEDEC ID
9Fh
(MF7-MF0
)
(ID15-ID8
)
(ID7-ID0)
(
2)
(continuous)
Read Unique ID
Number
4Bh
Dummy
Dummy
Dummy
Dummy
(ID127-ID0)
Enable Reset
66h
Reset Device
99h
Read Serial
Flash
Discoverable
Parameter
5Ah
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
(continuous)
Normal Read
Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next
Byte)
(continuous)
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
(continuous)
Dual Output Fast
read
3Bh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
(7)
(continuous)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com