Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 55 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 55 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 59Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
55
Electrical Characteristics
Absolute Maximum Ratings
Parameters
Symbol
Conditions
Range
Unit
Supply Voltage
VCC
–0.6 to VCC+0.6
V
Voltage Applied to Any Pin
VIO
Relative to Ground
–0.6 to VCC+0.6
V
Transient Voltage on any Pin
VIOT
<20nS Transient Relative to
Ground
–1.0Vto VCC+1.0V
V
Storage Temperature
TSTG
–55 to 150
℃
Lead Temperature
TLEAD
See Note (2)
℃
Electrostatic Discharge Voltage
VESD
Human Body Model
(3)
–2000 to 2000
V
Notes:
1.
This device has been designed and tested for the specified operation ranges. Proper operation outside of these
levels is not guaranteed. Exposure to absolute maximum ratings may affect device reliability. Exposure beyond
absolute maximum ratings may cause permanent damage.
2.
Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the
European directive on restrictions on hazardous substances (RoHS) 2002/95/EU.
3.
JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms)
Operating Ranges
Parameter
Symbol
Conditions
SPEC
Unit
Min
Max
Supply Voltage
VCC
FR = 108MHz, fR =
50MHz
1.65
2.0
V
Ambient Temperature
Operating
TA
Industrial
-40
+85
℃
Power-up Timing
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To /CS Low
300
us
Notes: These parameters are characterized only.
Figure40. Power-up Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com