Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 35 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 35 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 39Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
35
Program / Erase and Security Instructions
Page Program (02h)
The Page Program instruction allows from one byte to 256 bytes (a page) of data to be programmed at
previously erased (FFh) memory locations. A Write Enable instruction must be executed before the device
will accept the Page Program Instruction (Status Register bit WEL= 1). The instruction is initiated by driving
the /CS pin low then shifting the instruction code “02h” followed by a 24-bit address (A23-A0) and at least
one data byte, into the SI pin. The /CS pin must be held low for the entire length of the instruction while data
is being sent to the device. The Page Program instruction sequence is shown in Figure25.
If more than 256 bytes are sent to the device, previously latched data are discarded and the last 256 data
bytes are guaranteed to be programmed correctly within the same page. If less than 256 data bytes are
sent to device, they are correctly programmed at the requested addresses without having any effects on
the other bytes of the same page. /CS must be driven high after the eighth bit of the last data byte has been
latched in; otherwise the Page Program instruction is not executed.
As with the write and erase instructions, the /CS pin must be driven high after the eighth bit of the last byte
has been latched. If this is not done the Page Program instruction will not be executed. After /CS is driven
high, the self-timed Page Program instruction will commence for a time duration of tPP (See AC
Characteristics). While the Page Program cycle is in progress, the Read Status Register instruction may
still be accessed for checking the status of the WIP bit. The WIP bit is a 1 during the Page Program cycle
and becomes a 0 when the cycle is finished and the device is ready to accept other instructions again. After
the Page Program cycle has finished the Write Enable Latch (WEL) bit in the Status Register is cleared to 0.
The Page Program instruction will not be executed if the addressed page is protected by the Block Protect
(BP4, BP3, BP2, BP1, and BP0) bits
Figure25. Page Program Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com