Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 19 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 19 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 23Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
19
Configuration and Status Instructions
Write Enable (06H)
The Write Enable instruction (Figure 2.) sets the Write Enable Latch (WEL) bit in the Status Register to a 1.
The WEL bit must be set prior to every Page Program, Dual Page Program, Quad Page Program, Page
Erase, Sector Erase, Block Erase, Chip Erase, Write Status Register and Erase/Program Security
Registers instruction. The Write Enable instruction is entered by driving
/CS low, shifting the instruction code “06h” into the Data Input (SI) pin on the rising edge of SCLK, and then
driving /CS high.
Write Enable for Volatile Status Register (50h)
The non-volatile Status Register bits described in Status Register can also be written to as volatile bits. This
gives more flexibility to change the system configuration and memory protection schemes quickly without
waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status Register
non-volatile bits. To write the volatile values into the Status Register bits, the Write Enable for Volatile
Status Register (50h) instruction must be issued prior to a Write Status Register (01h) instruction. Write
Enable for Volatile Status Register instruction (Figure 3. will not set the Write Enable Latch (WEL) bit, it is
only valid for the Write Status Register instruction to change the volatile Status Register bit values.
Figure2. Write Enable Instruction for SPI Mode
Figure3. Write Enable for Volatile Status Register Instruction for SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com