Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE25QC200GL Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
4
Signal Description
During all operations, VCC must be held stable and within the specified valid range: VCC(min) to
VCC(max).
All of the input and output signals must be held High or Low (according to voltages of VIH, VOH, VIL or
VOL, see DC Electrical Characteristics). These signals are described next.
Table1. Signal Names
Pin No
Pin Name
I/O
Function
1
/CS
I
Chip Select
2
SO (IO1)
I/O
Serial Output for single bit data Instructions. IO1 for Dual or Quad
Instructions.
3
/WP (IO2)
I/O
Write Protect in single bit or Dual data Instructions. IO2 in Quad mode.
The signal has an internal pull-up resistor and may be left unconnected in
the host system if not used for Quad Instructions.
4
VSS
Ground
5
SI (IO0)
I/O
Serial Input for single bit data Instructions. IO0 for Dual or Quad
Instructions.
6
SCLK
I
Serial Clock
7
/HOLD (IO3)
I/O
Hold (pause) serial transfer in single bit or Dual data Instructions. IO3 in
Quad-I/O mode. The signal has an internal pull-up resistor and may be
left unconnected in the host system if not used for Quad Instructions.
8
VCC
Core and I/O Power Supply
Chip Select (/CS)
The chip select signal indicates when an instruction for the device is in process and the other signals are
relevant for the memory device. When the /CS signal is at the logic high state, the device is not selected
and all input signals are ignored and all output signals are high impedance. Unless an internal Program,
Erase or Write Status Registers embedded operation is in progress, the device will be in the Standby Power
mode. Driving the /CS input to logic low state enables the device, placing it in the Active Power mode. After
Power Up, a falling edge on /CS is required prior to the start of any instruction.
Serial Clock (SCLK)
This input signal provides the synchronization reference for the SPI interface. Instructions, addresses, or
data input are latched on the rising edge of the SCLK signal. Data output changes after the falling edge of
SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com