Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 52 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 52 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 56Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
52
(1 -1 -4) Fast Read
Number of Mode Bits
000b:Mode Bits not support
23:21
000b
(1 -1 -4) Fast Read
Instruction code
3BH
31:24
6BH
6BH
(1 -1 -2) Fast Read
Number of Wait
states
00000b: Wait states (Dummy
Clocks) not support
3CH
04:00
01000b
08H
(1 -1 -2) Fast Read
Number of Mode Bits
000b: Mode Bits not support
07:05
000b
(1 -1 -2) Fast Read
Instruction code
3DH
15:08
3BH
3BH
(1 -2-2) Fast Read
Number of Wait
states
0000b: Wait states (Dummy
Clocks) not support
3EH
20:16
00000b
42H
(1 -2-2) Fast Read
Number of Mode Bits
000b: Mode Bits not support
23:21
010b
(1 -2-2) Fast Read
Instruction code
3FH
31:24
BBH
BBH
(2-2-2) Fast Read
0=not support 1=support
40H
00
0b
FEH
Unused
03:01
111b
(4-4-4) Fast Read
0=not support 1=support
04
0b
Unused
07:05
111b
Unused
43H:41H
31:08
0xFFH
0xFFH
Unused
45H:44H
15:00
0xFFH
0xFFH
(2-2-2) Fast Read
Number of Wait
states
0 0000b: Wait states (Dummy
Clocks) not support
46H
20:16
00000b
00H
(2-2-2) Fast Read
Number of Mode Bits
000b: Mode Bits not support
23:21
000b
(2-2-2) Fast Read
Instruction code
47H
31:24
FFH
FFH
Unused
49H:48H
15:00
0xFFH
0xFFH
(4-4-4) Fast Read
Number of Wait
states
0 0000b: Wait states (Dummy
Clocks) not support
4AH
20:16
00000b
44H
(4-4-4) Fast Read
Number of Mode Bits
000b: Mode Bits not support
23:21
000b
(4-4-4) Fast Read
Instruction code
4BH
31:24
FFH
EBH
Sector Type 1 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t
exist
4CH
07:00
0CH
0CH
Sector Type 1 erase
Instruction code
4DH
15:08
20H
20H
Sector Type 2 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t
exist
4EH
23:16
0FH
0FH
Sector Type 2 erase
Instruction code
4FH
31:24
52H
52H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com