Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 53 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 53 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 57Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
53
Sector Type 3 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t
exist
50H
07:00
10H
10H
Sector Type 3 erase
Instruction code
51H
15:08
D8H
D8H
Sector Type 4 Size
Sector/block size=2^N bytes
0x00b: this sector type don’t
exist
52H
23:16
08H
00H
Sector Type 4 erase
Instruction code
53H
31:24
81H
FFH
Table11. Parameter Table (1): Device Flash Parameter Tables
Description
Comment
Add(H)
(Byte)
DW
Add
(Bit)
Data
Data
Vcc Supply Maximum
Voltage
2000H=2.000V,2700H=2.700
V,3600H=3.600V
61H:60H
15:00
2000H
2000H
Vcc Supply Minimum
Voltage
1650H=1.650V,2250H=2.250
V,2350H=2.350V,2700H=2.7
00V
63H:62H
31:16
1650H
1650H
HW Reset# pin
0=not support 1=support
65H:64H
00
0b
F99EH
HW Hold# pin
0=not support 1=support
01
1b
Deep Power Down
Mode
0=not support 1=support
02
1b
SW Reset
0=not support 1=support
03
1b
SW Reset Instruction
code
Should be issue Reset
Enable(66H)before Reset
cmd.
11:04
99H
Program
Suspend/Resume
0=not support 1=support
12
1b
Erase
Suspend/Resume
0=not support 1=support
13
1b
Unused
14
1b
Wrap-Around Read
mode
0=not support 1=support
15
1b
Wrap-Around Read
mode Instruction code
66H
23:16
77H
77H
Wrap-Around Read
data length
08H:support 8B wrap-around
read16H:8B&16B32H:8B&16
B&32B64H:8B&16B&32B&64
B
67H
31:24
64H
64H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com