Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
8
Function Descriptions
Standard SPI Instructions
The ACE25QC200GL features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip
Select (/CS), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are
supported.
Dual SPI Instructions
The ACE25QC200GL supports Dual SPI operation when using the “Dual Output Fast Read” and “Dual I/O
Fast Read” (3Bh and BBh) instructions. These instructions allow data to be transferred to or from the
device at two times the rate of the standard SPI. When using the Dual SPI instruction the SI and SO pins
become bidirectional I/O pins: IO0 and IO1
Quad SPI Instructions
The ACE25QC200GL supports Quad SPI operation when using the “Quad Output Fast Read”, “Quad I/O
Fast Read”, (6Bh, EBh,) instructions. These instructions allow data to be transferred to or from the device
at four times the rate of the standard SPI. When using the Quad SPI instruction the SI and SO pins become
bidirectional I/O pins: IO0 and IO1, and /WP and /HOLD pins become IO2 and IO3. Quad SPI instructions
require the non-volatile Quad Enable bit (QE) in Status Register-2 to be set to 1.
All of the above three SPI mode (Standard SPI, Dual SPI and Quad SPI) have input bits (including
instructions, addresses, data, M7~M0, W6~W4 etc.) latched on the rising edge of SCLK and output bits
shifted out on the falling edge of SCLK.
Operation Features
Supply Voltage
(A)
Operating Supply Voltage
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the
specified [VCC(min), VCC(max)] range must be applied. In order to secure a stable DC supply voltage,
it is recommended to decouple the VCC line with a suitable capacitor (usually of the order of 10nF to
100nF) close to the VCC/VSS package pins. This voltage must remain stable and valid until the end of
the transmission of the instruction and, for a Write instruction, until the completion of the internal write
cycle (tW).
(B)
Power-up Conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this time, the
Chip Select (/CS) line is not allowed to float but should follow the VCC voltage, it is therefore
recommended to connect the /CS line to VCC via a suitable pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com