Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 47 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 47 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 51Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
47
Read Security Registers (48h)
The Read Security Register instruction is similar to the Fast Read instruction and allows one or more data
bytes to be sequentially read from one of the three security registers. The instruction is initiated by driving
the /CS pin low and then shifting the instruction code “48h” followed by a 24-bit address (A23-A0) and eight
“dummy” clocks into the SI pin. The code and address bits are latched on the rising edge of the SCLK pin.
After the address is received, the data byte of the addressed memory location will be shifted out on the SO
pin at the falling edge of SCLK with most significant bit (MSB) first. The byte address is automatically
incremented to the next byte address after each byte of data is shifted out. Once the byte address reaches
the last byte of the register (byte address FFh), it will reset to address 00h, the first byte of the register, and
continue to increment. The instruction is completed by driving /CS high. The Read Security Register
instruction sequence is shown in Figure37. If a Read Security Register instruction is issued while an Erase,
Program or Write cycle is in progress (WIP=1) the instruction is ignored and will not have any effects on the
current cycle. The Read Security Register instruction allows clock frequency up to to a maximum of fC (see
AC Electrical Characteristics).
Address
A23-16
A15-12
A11-9
A8-A0
Security Registers 1
00H
0001
0000
Byte Address
Security Registers 2
00H
0010
0000
Byte Address
Security Registers 3
00H
0011
0000
Byte Address
Figure37. Read Security Registers instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com