Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 23 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 23 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 27Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
23
Read Instructions
Normal Read Data (03H)
The Read Data instruction allows one or more data bytes to be sequentially read from the memory. The
instruction is initiated by driving the /CS pin low and then shifting the instruction code “03h” followed by a
24-bit address (A23-A0) into the SI pin. The code and address bits are latched on the rising edge of the
SCLK pin. After the address is received, the data byte of the addressed memory location will be shifted out
on the SO pin at the falling edge of SCLK with most significant bit (MSB) first. The address is automatically
incremented to the next higher address after each byte of data is shifted out allowing for a continuous
stream of data. This means that the entire memory can be accessed with a single instruction as long as the
clock continues. The instruction is completed by driving /CS high.
The Read Data instruction sequence is shown in Figure 8. If a Read Data instruction is issued while an
Erase, Program or other Write cycle is in progress (WIP=1) the instruction is ignored and will not have any
effects on the current cycle. The Read Data instruction allows clock frequency up to to a maximum of fR
(see AC Electrical Characteristics).
The Normal Read Data (03h) instruction is only supported in Standard SPI mode.
Figure 8. Read Data Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com