Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
10
Status Register
Status Register Table
Table3. The Status and Control Bits
SR2
S15
S14
S13
S12
S11
S10
S9
S8
SUS1
CMP
LB3
LB2
LB1
SUS2
QE
SRP1
Default value
Note1
n/a
0
0
0
0
n/a
0
0
SR1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
WIP
Default value
Note1
0
0
0
0
0
0
n/a
n/a
Notes:
1. The default value is set by Manufacturer during wafer sort, Marked as Default in following text
The status and control bits of the Status Register are as follows:
(A)
WIP bit
The Write in Progress (WIP) bit indicates whether the memory is busy in program / erase / write status
register progress. When WIP bit is set to 1, means that the device is busy in program / erase / write
status register progress, when WIP bit is cleared to 0, means that the device is not in program / erase /
write status register progress.
Figure1. Hold condition activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com