Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 31 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 31 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 35Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
31
Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down / Device ID
instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID.
The Read Manufacturer / Device ID instruction can operate at the highest possible frequency of fC (see AC
Electrical Characteristics). The instruction is initiated by driving the /CS pin low and shifting the instruction
code “90h” followed by a 24-bit address (A23-A0). After which, the Manufacturer ID for (68h) and the
Device ID are shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in
Figure20. The Device ID values for the ACE25QC200GL are listed in Manufacturer and Device
Identification table. The address A23-A1 is an unrelated item and has no effect on the result of the
instruction. At the same time, if the A0 is initially set to 1 the Device ID will be read first and then followed by
the Manufacturer ID. If the A0 is initially set to 0 the Manufacturer ID will be read first and then followed by
the Device ID. The Manufacturer and Device IDs can be read continuously, alternating from one to the
other. The instruction is completed by driving /CS high.
Figure20. Read Manufacturer / Device ID Instruction
Figure18. Release Power-down Instruction
Figure19. Release Power-down / Device ID Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com