Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 20 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 20 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 24Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
20
Write Disable (04h)
The Write Disable instruction (Figure 4.) resets the Write Enable Latch (WEL) bit in the Status Register to 0.
The Write Disable instruction is entered by driving /CS low, shifting the instruction code “04h” into the SI pin
and then driving /CS high.
Note that the WEL bit is automatically reset after Power-up and upon completion of the Write Status
Register, Erase/Program Security Registers, Page Program, Dual Page Program, Quad Page Program,
Page Erase, Sector Erase, Block Erase, Chip Erase and Reset instructions.
Read Status Register-1 (05h), Status Register-2 (35h)
The Read Status Register instructions allow the 8-bit Status Registers to be read. The instruction is entered
by driving /CS low and shifting the instruction code “05h” for Status Register-1, “35h” for Status Register -2
into the SI pin on the rising edge of SCLK. The status register bits are then shifted out on the SO pin at the
falling edge of SCLK with most significant bit (MSB) first as shown in Figure 5., Refer to section Status
Register for Status Register descriptions.
The Read Status Register instruction may be used at any time, even while a Program, Erase or Write
Status Register cycle is in progress. This allows the WIP status bit to be checked to determine when the
cycle is complete and if the device can accept another instruction. The Status Register can be read
continuously, as shown in Figure 5. The instruction is completed by driving /CS high.
Figure 4. Write Disable Instruction for SPI Mode
Figure5. Read Status Register Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com