Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25QC200GL Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
1
Description
The ACE25QC200GL is 2M-bit Serial Peripheral Interface (SPI) Flash memory, designed for using in a
wide variety of high-volume consumer based applications in which program code is shadowed from Flash
memory into embedded or external RAM for execution. The flexible erase architecture of the device, with
its page erase granularity it is ideal for data storage as well, eliminating the need for additional data storage
devices.
The erase block sizes of the device have been optimized to meet the needs of today's code and data
storage applications. By optimizing the size of the erase blocks, the memory space can be used much
more efficiently. Because certain code modules and data storage segments must reside by themselves in
their own erase regions, the wasted and unused memory space that occurs with large sectored and large
block erase Flash memory devices can be greatly reduced. This increased memory space efficiency allows
additional code routines and data storage segments to be added while still maintaining the same overall
device density.
The device uses a single low voltage power supply, ranging from 1.65 Volt to 2.0 Volt, and supports JEDEC
standard manufacturer and device ID, a 128-bit Unique Serial Number and three 256-bytes Security
Registers.
Features
Serial Peripheral Interface (SPI)
Standard SPI: SCLK, /CS, SI, SO, /WP, /HOLD
Dual SPI: SCLK, /CS, IO0, IO1, /WP, /HOLD
Quad SPI: SCLK, /CS, IO0, IO1, IO2, IO3
Software Reset
Read
Normal Read Data: 33MHz clock rate
others Read Data: 85MHz clock rate
Program
Serial-input Page Program up to 256bytes
Dual-input Page Program up to 256bytes
Quad-input Page Program up to 256bytes
Program Suspend and Resume
Erase
Page erase (256-byte)
Block erase (64/32 KB)
Sector erase (4 KB)
Chip erase
Erase Suspend and Resume


Similar Part No. - ACE25QC200GL

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
128M BIT SPI NOR FLASH
VER 1.1
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
ACE25QC160GLDPTH ACE-ACE25QC160GLDPTH Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
ACE25QC160GLDPUH ACE-ACE25QC160GLDPUH Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
ACE25QC160GLFMLTH ACE-ACE25QC160GLFMLTH Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
More results

Similar Description - ACE25QC200GL

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25Q200G ACE-ACE25Q200G Datasheet
1Mb / 46P
2M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
2M BIT SPI NOR FLASH
VER 1.1
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
16M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
64M BIT SPI NOR FLASH
VER 1.1
ACE25AC200GL ACE-ACE25AC200GL Datasheet
1Mb / 23P
2M SPI NOR FLASH
VER 1.2
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
2M BIT SPI NOR FLASH
VER 1.2
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACEH25D200G ACE-ACEH25D200G Datasheet
107Kb / 3P
2M BIT SPI NOR FLASH
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com