Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC200GL Datasheet(PDF) 42 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 42 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 46Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
42
Program/Erase Suspend (75h)
The Program/Erase Suspend instruction “75h”, allows the system to interrupt a Page Program or a
Page/Sector/32K/64K Block Erase operation and then read data from any other sector or block. After the
program or erase operation has entered the suspended state, the memory array can be read except for the
page being programmed or the sector or block being erased. And after the erase operation has entered the
suspended state, the memory array can be programed except for the page being erased. Write status
register operation can't be suspended. Erase/Program security registers operation can't be suspended.
The Program/Erase Suspend instruction sequence is shown in Figure33.
Readable Area of Memory While a Program or Erase Operation is Suspended
Suspended operation
Readable Region Of Memory Array
Page Program
All but the Page being programmed
Dual Page Program
All but the Page being programmed
Quad Page Program
All but the Page being programmed
Page Erase
All but the Page being Erased
Sector Erase(4KB)
All but the 4KB Sector being Erased
Block Erase(32KB)
All but the 32KB Block being Erased
Block Erase(64KB)
All but the 64KB Block being Erased
When the Serial NOR Flash receives the Suspend instruction, there is a latency of tPSL or tESL before the
Write Enable Latch (WEL) bit clears to “0” and the SUS2 or SUS1 sets to “1”, after which the device is
ready to accept one of the commands listed in "Table Acceptable Commands During Program/Erase
Suspend after tPSL/tESL" (e.g. FAST READ). Refer to " AC Characteristics" for tPSL and tESL timings.
"Table Acceptable instructions During Suspend (tPSL/tESL not required)" lists the Instructions for which the
tPSL and tESL latencies do not apply. For example, “05h”, “48h”, “66h” and “99h” can be issued at any time
after the Suspend instruction.
Status Register bit 15 (SUS2) and bit 10 (SUS1) can be read to check the suspend status. The SUS2
(Program Suspend Bit) sets to “1” when a program instruction is suspended. The SUS1 (Erase Suspend Bit)
sets to “1” when an erase operation is suspended. The SUS2 or SUS1 clears to “0” when the program or
erase instruction is resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com