Electronic Components Datasheet Search
  English  ▼

X  

8104 Datasheet(PDF) 33 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 33 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 29Page - LSI Computer Systems 8104 Datasheet HTML 30Page - LSI Computer Systems 8104 Datasheet HTML 31Page - LSI Computer Systems 8104 Datasheet HTML 32Page - LSI Computer Systems 8104 Datasheet HTML 33Page - LSI Computer Systems 8104 Datasheet HTML 34Page - LSI Computer Systems 8104 Datasheet HTML 35Page - LSI Computer Systems 8104 Datasheet HTML 36Page - LSI Computer Systems 8104 Datasheet HTML 37Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 172 page
background image
Transmit MAC
2-15
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
2.7 Transmit MAC
To generate an Ethernet MAC frame from the transmit FIFO, the transmit
MAC section:
• Generates preamble and SFD
• Pads undersize packets with zeros to meet minimum packet size
requirements
• Calculates and appends a CRC value to the packet
• Maintains a minimum interpacket gap
Each of the above four operations can be individually disabled and
altered if desired. The transmit MAC then sends the fully formed Ethernet
packet to the 8B10B PCS block for encoding. The transmit MAC section
also generates MAC control frames.
2.7.1 Preamble and SFD Generation
The transmit MAC normally appends the preamble and SFD to the
packet. To program the controller to not append the preamble and SFD
to the transmit packet, clear the TXPRMBL bit in “Register 7–
Configuration 1‚" Section 4.3.8.
2.7.2 AutoPad
The transmit MAC normally AutoPads packets. AutoPadding is the
process of automatically adding enough zeroes in packets with data
fields less than 46 bytes to make the data field exactly 46 bytes in length
which meets the 46-byte minimum data field requirement of IEEE 802.3.
To program the controller to not AutoPad, clear the APAD bit in
“Register 7–Configuration 1‚" Section 4.3.8.
2.7.3 CRC Generation
The transmit MAC normally appends the CRC value to the packet. To
program the controller to not append the CRC value to the end of the
packet from the transmit FIFO, assert the TXCRCn pin or clear the
TXCRC bit in Register 7 “Configuration 1”, as described in Table 2.3 and
as described in “Register 7–Configuration 1‚" Section 4.3.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com