| Electronic Components Datasheet Search |
|
8104 Datasheet(PDF) 61 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8104 Datasheet(HTML) 61 Page - LSI Computer Systems |
|
61 / 172 page ![]() MAC Control Frames 2-43 Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. The controller normally treats MAC control frames according to the IEEE 802.3, clause 31 algorithm. When the receive MAC detects a MAC control frame with a pause opcode and the destination address equals the reserved multicast address or address stored in the MAC Address 1–3 registers, then the transmitter is paused for a time equal to the number of pause times specified in the parameter field. Each unit of pause time equals 512 bits (512 ns for Gigabit Ethernet). If a pause frame is received while another packet is being transmitted, the transmission is completed for the current packet being transmitted, and then the transmitter is paused. If there are other packets in the transmit FIFO their transmission is delayed until the pause timer has expired. MAC control frames are not normally passed into the receive FIFO; they are terminated in the receive MAC. The controller has also incorporated some additional features to facilitate MAC control frame operation. These features are described in the following sections. 2.17.1 Automatic Pause Frame Generation Pause frames can be automatically generated when either the FCNTRL pin is asserted or the receive FIFO data exceeds the MAC control AutoSend threshold. These automatically generated pause frames, referred to as autogenerated pause frames, are internally generated and transmitted over the 10-bit PHY interface. The reception of a receive pause frame does not affect the transmission of autogenerated pause frames. Receive pause frames only inhibit the transmission of regular packets from the transmit FIFO. If a packet transmission is in progress when an autogenerated pause frame is to be transmitted, the controller waits until the transmission of that packet has completed and then transmits the autogenerated pause frame before any other subsequent packets in the TX FIFO are transmitted. When the first autogenerated pause frame begins transmission, an internal timer starts whose value is equal to the pause_time value in the pause frame (and obtained from “Register 20– Flow Control 2‚" Section 4.3.17). If the FCNTRL pin is still asserted or the MAC control frame AutoSend threshold is still exceeded when the internal pause timer expires, another autogenerated pause frame is transmitted. This process continues as long as FCNTRL remains asserted or the MAC control frame AutoSend threshold is exceeded. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |