| Electronic Components Datasheet Search |
|
8104 Datasheet(PDF) 91 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8104 Datasheet(HTML) 91 Page - LSI Computer Systems |
|
91 / 172 page ![]() Register Interface 4-3 Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. 4.1.2 Interrupt An interrupt is triggered when certain output status bits change state. These bits are called interrupt bits and are designated as R/LLI, R/LHI, and R/LTI bits, as described in the previous section. The interrupt bits reside in “Register 11–Status 1‚" Section 4.3.12, and “Register 112–115– Counter Half Full 1-4‚" Section 4.3.23,. Interrupt bits automatically latch Table 4.1 Register Bit Type Definition Bit Types Definition Symbol Name Write Cycle Read Cycle W Write Input No operation, output not valid R Read No operation, input ignored Output R/W Read/Write Input Ouput R/W SC Read/Write Self Clearing Input Clears itself after operation completed Ouput R/LL R/LLI Read, Latch when 0 Read, Latch when 0, Assert Interrupt No operation latching Output Input ignored when bit goes to 0, bit latched, and interrupt asserted (if not masked) When bit is read, bit updated and interrupt cleared R/LH R/LHI Read/write Read/write, latch HIGH with interrupt No operation, input ignored Output When bit goes to 1, bit latched & interrupt asserted (if not masked) When bit is read, bit updated and interrupt cleared R/LT R/LTI Read, Latch on Transition Read, Latch on Transition with interrupt No operation, input ignored Output When bit transitions, bit latched and interrupt asserted (if not masked) When bit is read, bit updated and interrupt cleared |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |