Electronic Components Datasheet Search
  English  ▼

X  

8104 Datasheet(PDF) 70 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 70 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 66Page - LSI Computer Systems 8104 Datasheet HTML 67Page - LSI Computer Systems 8104 Datasheet HTML 68Page - LSI Computer Systems 8104 Datasheet HTML 69Page - LSI Computer Systems 8104 Datasheet HTML 70Page - LSI Computer Systems 8104 Datasheet HTML 71Page - LSI Computer Systems 8104 Datasheet HTML 72Page - LSI Computer Systems 8104 Datasheet HTML 73Page - LSI Computer Systems 8104 Datasheet HTML 74Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 172 page
background image
2-52
Functional Description
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
33
ifOutBroadcastPkts
TX
Broadcast packets, good and bad.
32
0b11000000
0b11000001
ifOutNUcastPkts
TX
Broadcast and multicast packets,
good and bad.
Equivalent to "ifOutMulticastPkts +
ifOutBroadcastPkts"
Use Ctr.
#32 and 33
34
ifOutDiscards
TX
Packets with transmit FIFO underflow
error.
32
0b11000010
0b11000011
35
ifOutErrors
TX
All Packets, bad only,
exclusive of legal-length errors.
32
0b11000100
0b11000101
Ethernet-Like Group MIB
(RFC 1643)
36
dot3StatsAlignmentErrors
RX
Packets with alignment error only.
There are no alignment errors in
8B10B Gigabit Ethernet,
so this counter is undefined.
32
0b11000110
0b11000111
dot3StatsFCSErrors
RX
Packets with CRC error only.
Equivalent to
"etherStatsCRCAlignErrors"
Use Ctr. #6
38
dot3StatsSingleCollisionFrames
TX
Packets successfully transmitted after
one and only one collision (ie: attempt
value = 2).
Since controller is Full Duplex only,
this counter is undefined.
32
0b11001010
0b11001011
39
dot3StatsMultipleCollisionFrames
TX
Packets successfully transmitted after
more than one collision (ie: 2<attempt
value<16).
Since controller is Full Duplex only,
this counter is undefined.
32
0b11001100
0b11001101
40
dot3StatsSQETestErrors
RX
Number of times SQE was asserted.
There is no SQE for Gigabit Ethernet,
so this counter is undefined.
32
0b11001110
0b11001111
41
dot3StatsDeferredTransmissions
TX
Packets deferred, i.e. packets whose
transmission was delayed due to busy
medium, on first attempt only.
Since controller is Full Duplex only,
this counter is undefined.
32
0b11010000
0b11010001
Table 2.14
Counter Definition (Cont.)
Counter
Number
Counter Name
(MIB Object Name)
Counter Description
RX/TX
Definition
Size
(Bits)
Register
Address
REGAD[7:0]
(Low/High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com