Electronic Components Datasheet Search
  English  ▼

X  

8104 Datasheet(PDF) 84 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 84 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 80Page - LSI Computer Systems 8104 Datasheet HTML 81Page - LSI Computer Systems 8104 Datasheet HTML 82Page - LSI Computer Systems 8104 Datasheet HTML 83Page - LSI Computer Systems 8104 Datasheet HTML 84Page - LSI Computer Systems 8104 Datasheet HTML 85Page - LSI Computer Systems 8104 Datasheet HTML 86Page - LSI Computer Systems 8104 Datasheet HTML 87Page - LSI Computer Systems 8104 Datasheet HTML 88Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 172 page
background image
3-6
Signal Descriptions
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
TXDC
Transmit Packet Discard
Output
When TXDC is HIGH, the controller detects that current
packet being input on the system interface has an error,
rest of packet ignored. When LOW, The packet is not
discarded. TXDC is clocked out on thr rising edge of the
system clock.
If AutoClear mode is not enabled, this output is latched
HIGH and stays latched until cleared with the assertion
of the CLR_TXDC pin. If AutoClear mode is enabled, this
output is latched HIGH and automatically clears itself
LOW two clock cycles after TXEOF is asserted.
TXENn
Transmit Enable
Input
This input must be low to enable the current data word
on TXD[31:0] to be clocked into the transmit FIFO.
TXENn is clocked in on the rising edge of the system
interface clock, SCLK.
TXEOF
Transmit End Of Frame
Input
This input must be asserted on the same clock cycle as
the last word of the packet is being clocked in on
TXD[31:0]. TXEOF is clocked into the device on the rising
edge of the system interface clock, SCLK.
TXSOF
Transmit Start Of Frame
Input
This input must be asserted on the same clock cycle as
the first word of the packet is being clocked in on
TXD[31:0]. TXSOF is clocked into the device on the rising
edge of the system interface clock, SCLK.
TXWM1n
Transmit FIFO Watermark 1
Output
When TXWM1n is HIGH, the transmit FIFO data is less
than or equal to the transmit FIFO watermark 1. When
LOW, the transmit FIFO data is above the watermark.
TXWM1n is clocked out on the rising edge of the system
clock, SCLK.
TXWM2n
Transmit FIFO Watermark 2
Output
When TXWM2n is HIGH, the transmit FIFO data is less
than or equal to the transmit FIFO watermark 2. When
LOW, the transmit FIFO data is above the watermark.
TXWM2n is clocked out on the rising edge of the system
clock, SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com