Electronic Components Datasheet Search
  English  ▼

X  

8104 Datasheet(PDF) 83 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 83 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 79Page - LSI Computer Systems 8104 Datasheet HTML 80Page - LSI Computer Systems 8104 Datasheet HTML 81Page - LSI Computer Systems 8104 Datasheet HTML 82Page - LSI Computer Systems 8104 Datasheet HTML 83Page - LSI Computer Systems 8104 Datasheet HTML 84Page - LSI Computer Systems 8104 Datasheet HTML 85Page - LSI Computer Systems 8104 Datasheet HTML 86Page - LSI Computer Systems 8104 Datasheet HTML 87Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 172 page
background image
System Interface Signals
3-5
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
RXWM1
Receive FIFO Watermark 1
Output
When RXWM1 is LOW, the receive FIFO data is less
than or equal to the receive FIFO watermark 1 threshold.
When HIGH, the receive FIFO data is greater than the
watermark. RXWM1 is clocked out on the rising edge of
the system clock, SCLK. Data is valid on RXD[31:0] when
either RXWM1 or RXWM2 is asserted, independent of
RXENn.
RXWM2
Receive FIFO Watermark 2
Output
When RXWM2 is LOW, the receive FIFO data is less
than or equal to the receive FIFO watermark 2 threshold
and no EOF in FIFO. When HIGH, the receive FIFO data
is greater than the watermark. RXWM2 is clocked out on
the rising edge of the system clock, SCLK. Data is valid
on RXD[31:0] when either RXWM1 or RXWM2 is
asserted, independent of RXENn.
SCLK
System Interface Clock
Input
This input clocks data in and out of the transmit and
receive FIFOs on TXD[31:0] and RXD[31:0], respectively.
All system interface inputs and outputs are also clocked
in and out on the rising edge of SCLK, with the exception
of RXOEn. SCLK clock frequency must be between
33–66 MHz.
TXBE[3:0]
Transmit Byte Enable
Input
These inputs determine which bytes of the current 32-bit
word on TXD[31:0] contain valid data. TXBE[3:0] is
clocked into the device on the rising edge of the system
interface clock, SCLK.
TXCRCn
Transmit CRC Enable
Input
When TXCRC is LOW, CRC is calculated and appended
to the current packet being input on the system interface.
When TXCRC is HIGH, CRC is not calculated. TXCRCn
is clocked in on the rising edge of the system clock,
SCLK, and must be asserted on the same SCLK clock
cycle as TXSOF.
TXD[31:0]
Transmit Data
Input
This input bus contains the 32-bit data word that is
clocked into the transmit FIFO on the rising edge of the
system interface clock, SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com