Electronic Components Datasheet Search
  English  ▼

X  

8104 Datasheet(PDF) 51 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 51 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 47Page - LSI Computer Systems 8104 Datasheet HTML 48Page - LSI Computer Systems 8104 Datasheet HTML 49Page - LSI Computer Systems 8104 Datasheet HTML 50Page - LSI Computer Systems 8104 Datasheet HTML 51Page - LSI Computer Systems 8104 Datasheet HTML 52Page - LSI Computer Systems 8104 Datasheet HTML 53Page - LSI Computer Systems 8104 Datasheet HTML 54Page - LSI Computer Systems 8104 Datasheet HTML 55Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 172 page
background image
10-Bit PHY Interface
2-33
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
The comma detect output, EN_CDET, is asserted when the receiver in
the 8B10B PCS section has lost word synchronization.Setting the CDET
bit in “Register 9–Configuration 3‚" Section 4.3.10, also asserts
EN_CDET. The EN_CDET output can be used to enable the bit
synchronization process in an external physical layer device.
The controller does not have a pin designated for the standardized
comma detect input, COM_DET, because the receive 8B10B PCS
section has all the necessary logic to acquire word synchronization from
the contents of the receive data stream alone.
2.12.4 Lock To Reference
Setting the LCKREFn bit in “Register 9–Configuration 3‚" Section 4.3.10,
exclusively controls the LCK_REFn output. This output is typically used
to enable the PLL locking process in an external physical layer device.
2.12.5 PHY Loopback
Setting the EWRAP bit in “Register 9–Configuration 3‚" Section 4.3.10,
exclusively controls the EWRAP output. This output is typically used to
enable a loopback function in an external physical layer device.
When the EWRAP pin is asserted, the signal detect input pin, SD, from
an external physical layer device may be in an unknown state. To
counteract this, the SD_EN bit in Register 9 “Configuration 3” should also
be cleared when the EWRAP assert bit is set.
2.12.6 Signal Detect
There is an additional signal detect input pin, SD, which indicates to the
controller that the receive data detected on RXD[9:0] contains valid data.
If SD is asserted, the input data is assumed valid and the receive 8B10B
PCS section is unaffected. If SD is deasserted, the data is assumed to
be invalid and the receive 8B10B PCS section is forced into the loss of
sync state. Although SD is not part of the IEEE-defined 10-bit PHY
interface, it is typically sourced from an external physical layer device.
The controller powers up with the SD pin disabled (SD has no affect on
the receive word synchronization state machine). To enable the SD pin,
the SD_EN bit must be set in “Register 9–Configuration 3‚"
Section 4.3.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com