Electronic Components Datasheet Search
  English  ▼

X  

8104 Datasheet(PDF) 36 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 36 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 32Page - LSI Computer Systems 8104 Datasheet HTML 33Page - LSI Computer Systems 8104 Datasheet HTML 34Page - LSI Computer Systems 8104 Datasheet HTML 35Page - LSI Computer Systems 8104 Datasheet HTML 36Page - LSI Computer Systems 8104 Datasheet HTML 37Page - LSI Computer Systems 8104 Datasheet HTML 38Page - LSI Computer Systems 8104 Datasheet HTML 39Page - LSI Computer Systems 8104 Datasheet HTML 40Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 172 page
background image
2-18
Functional Description
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
2.8.3 Unicast Address Filter
Comparing the destination address of the receive packet against the
48-bit value stored in the three MAC Address registers (registers 0, 1
and 2) filters unicast packets. When the destination address of a unicast
packet matches the value stored in these registers the unicast packet is
deemed valid and passed to the receive FIFO; otherwise, the packet is
rejected. The correspondence between the bits in the MAC Address
registers and the incoming bits in the destination address of the receive
packet is defined in the MAC Address register definitions.
To program the controller to always reject unicast packets, set the
REJUCST bit in “Register 8–Configuration 2‚" Section 4.3.9. When this
bit is set all unicast packets are rejected regardless of their address.
Unicast packet address filtering functions do not affect the reception of
MAC control frames. Other bits described in Section 2.17, “MAC Control
Frames,” control the reception of MAC control frames.
2.8.4 Multicast Address Filter
The multicast address filter function computes the CRC on the incoming
Destination Address and produces a 6-bit number that is compared
against the 64 values stored in the MAC Address Filter 1
−4 registers
(Registers 3, 4, 5, and 6). When the multicast packet destination address
passes the address filter, the packet is deemed valid and passed to the
receive FIFO; otherwise, the packet is rejected.
The multicast address filter requires 64 address filter bits to be written
into the Address Filter 1
−4 registers. The multicast address filtering
algorithm is as follows:
1.
Compute a separate 32-bit CRC on the destination address field
using the same IEEE 802.3 defined method that computes the
transmit CRC.
2.
Use bits [0:2] of the destination address FCS to select one of the
bytes in the 64-bit address filter, as shown in Table 2.5.
3.
Use bits [3:5] of the destination address FCS to select one of the bits
within the byte selected in (2), as shown in Table 2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com