| Electronic Components Datasheet Search |
|
8104 Datasheet(PDF) 75 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8104 Datasheet(HTML) 75 Page - LSI Computer Systems |
|
75 / 172 page ![]() Counters 2-57 Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. 2.19.1 Counter Half Full Each 32-bit counter has a half-full status output bit associated with it. The half-full bits are stored in “Register 112–115–Counter Half Full 1-4‚" Section 4.3.23. A half-full bit is set when its counter value reaches 0x80000000 (MSB bit goes from a 0 to a 1), so it is set when the counter becomes half full. The counter half-full bits latch themselves when they are set. Each bit stays latched until either the bit is read or the counter register with which the bit is associated is read. Counter half-full bits are also interrupt bits (the setting of any counter half-full bit can be programmed to cause the assertion of the interrupt pin, REGINT). When a read clears the counter half-full bit, the interrupt is also cleared. Note: REGINT stays asserted until all interrupt bits are cleared. Each counter half-full bit can be individually programmed to assert (or not assert) the REGINT pin. Setting the appropriate mask bit associated with the counter half full “Registers 120–123–Counter Half Full Mask 1- 4‚" Section 4.3.24, programs the controller to mask (disable) the interrupt caused by the corresponding counter half full detect bit. 2.19.2 Counter Reset On Read A read operation on a counter does not normally affect the counter values. However, setting the CTR_RD bit in “Register 9–Configuration 3‚" Section 4.3.10, programs the counter to automatically reset to zero when read. When the CTR_RD bit is set, a counter is cleared to 0 whenever any one of the two 16-bit counter registers associated with a 32-bit counter is read. An internal holding register stores the entire 32-bit counter result so that the result is correctly read as long as two successive 16-bit counter register reads are performed from the same counter. In order to read the cleared value, the read operation needs to be deasserted then reasserted (i.e., REGCSn and REGRDn). When the CTR_RD bit is cleared (default), a read does not affect the count in the counter, as long as the counter is not at maximum count. If a counter is at maximum count, its count is always reset to 0 when the counter is read. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |