Electronic Components Datasheet Search
  English  ▼

X  

8104 Datasheet(PDF) 87 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 87 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 83Page - LSI Computer Systems 8104 Datasheet HTML 84Page - LSI Computer Systems 8104 Datasheet HTML 85Page - LSI Computer Systems 8104 Datasheet HTML 86Page - LSI Computer Systems 8104 Datasheet HTML 87Page - LSI Computer Systems 8104 Datasheet HTML 88Page - LSI Computer Systems 8104 Datasheet HTML 89Page - LSI Computer Systems 8104 Datasheet HTML 90Page - LSI Computer Systems 8104 Datasheet HTML 91Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 172 page
background image
Micellaneous Signals
3-9
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
3.4 Micellaneous Signals
This section describes the 8101/8104 micellaneous signals.
LINKn
Receive Link
Output
When this signal is HGH, there is no link. When this
signal is asserted, the receive link is synchronized and
configured.
RESERVED
Reserved
These pins are reserved and must be left floating.
RESETn
Reset
Input
When this signal is HIGH, controller is in normal
operation. When this signal is asserted, controller resets,
FIFO’s are cleared, counters are cleared, and register
bits are set to default values.
SD
Signal Detect
Input
When this signal is asserted, data detected on receive
10-bit PHY is valid. When SD is LOW, data is not valid
and the 8B10B PCS receiver is forced to a loss of sync
state. This signal is ignored (assumed high) unless the
SD_EN bit in “Register 9–Configuration 3‚"
Section 4.3.10, is cleared.
TAP
3-state all pins
Input
This pin is used for testing purposes only. When
asserted, all output and bidirectional pins are placed in a
high-impedence state.
TEST
Test Mode
Input
This pin is used for factory test and must be tied LOW for
proper operation.
TCLK
Transmit Clock
Input
This 125 MHz input clock is used by the 8B10B PCS
section and generates the 125 MHz transmit output clock,
TBC, is used to output data on the 10-bit PHY interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com