Electronic Components Datasheet Search
  English  ▼

X  

8104 Datasheet(PDF) 103 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 103 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 99Page - LSI Computer Systems 8104 Datasheet HTML 100Page - LSI Computer Systems 8104 Datasheet HTML 101Page - LSI Computer Systems 8104 Datasheet HTML 102Page - LSI Computer Systems 8104 Datasheet HTML 103Page - LSI Computer Systems 8104 Datasheet HTML 104Page - LSI Computer Systems 8104 Datasheet HTML 105Page - LSI Computer Systems 8104 Datasheet HTML 106Page - LSI Computer Systems 8104 Datasheet HTML 107Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 172 page
background image
Register Definitions
4-15
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
4.3.8 Register 7–Configuration 1
Note:
RST 15-bit occurs on the REGD15 pin
RST
Reset
15, R/WSC
RXRST
Receive Reset
14, R/WSC
TXRST
Transmit Reset
13, R/WSC
ANRST
AutoNegotiation Restart
12, R/WSC
CTRRST
Counter Reset
11, R/WSC
15
14
13
12
11
10
9
8
RST
RXRST
TXRST
ANRST
CTRRST
APAD
IPG[2:1]
76543210
IPG[0]
TXPRMBL
TXCRC
RXPRMBL
RXCRC
STSWRD1
STSWRD0
PEOF
RST
Description
1
Controller is reset; it self-clears in 1
µs
0
Nominal operation
RXRST
Description
1
Receive data path reset, self-clears when the start
of the new packet is detected
0
Normal
TXRST
Description
1
Transmit data, data reset, self-clearing in 1
µs
0
Normal
ANRST
Description
1
AutoNegotiation algorithm restarted, self-clearing
after AutoNegotiation process starts
0
No Reset
CTRRST
Description
1
All counters reset to 0, self-clearing in 1
µs
0
No reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com