Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 32 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 28Page - Analog Devices LTC7151S Datasheet HTML 29Page - Analog Devices LTC7151S Datasheet HTML 30Page - Analog Devices LTC7151S Datasheet HTML 31Page - Analog Devices LTC7151S Datasheet HTML 32Page - Analog Devices LTC7151S Datasheet HTML 33Page - Analog Devices LTC7151S Datasheet HTML 34Page - Analog Devices LTC7151S Datasheet HTML 35Page - Analog Devices LTC7151S Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LT7182S
32
Rev. 0
For more information www.analog.com
PMBUS COMMAND SUMMARY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS EEPROM
DEFAULT
VALUE
READ_IOUT
0x8C Measured output current.
R Word
Y
IEEE/
L11
A
READ_TEMPERATURE_1
0x8D Measured internal temperature.
R Word
N
IEEE/
L11
C
READ_FREQUENCY
0x95 Measured PWM switching frequency.
R Word
Y
IEEE/
L11
READ_POUT
0x96 Calculated output power.
R Word
Y
IEEE/
L11
PMBUS_REVISION
0x98 PMBus revision supported by this device.
Current revision is 1.3.
R Byte
N
Reg
0x33
MFR_ID
0x99 The manufacturer ID in ASCII.
R Block
N
“ADI”
MFR_MODEL
0x9A The part number in ASCII.
R Block
N
“LT7182S”
MFR_REVISION
0x9B Part revision number.
R Block
N
MFR_SERIAL
0x9E Unique part serial number.
R Block
N
IC_DEVICE_ID
0xAD Identification of the IC in ASCII.
R Block
N
“LT7182S”
IC_DEVICE_REV
0xAE Revision of the IC.
R Block
N
MFR_EE_UNLOCK
0xBD Contact factory.
MFR_EE_ERASE
0xBE Contact factory.
MFR_EE_DATA
0xBF Contact factory.
MFR_USER_DATA_00
0xC9 EEPROM word available for user.
R/W Word
N
Reg
Y
0x0000
MFR_USER_DATA_01
0xCA EEPROM word available for user.
R/W Word
N
Reg
Y
0x0000
MFR_USER_DATA_02
0xCB EEPROM word available for user.
R/W Word
N
Reg
Y
0x0000
MFR_USER_DATA_03
0xCC EEPROM word available for user.
R/W Word
N
Reg
Y
0x0000
MFR_READ_EXTVCC
0xCD Measured EXTVCC voltage, when enabled.
R Word
N
IEEE/
L11
V
MFR_READ_ITH
0xCE Measured ITH voltage, when enabled.
R Word
Y
IEEE/
L11
V
MFR_CHAN_CONFIG_
LT7182S
OxD0 Configuration bits that are channel specific.
R/W Word
Y
Reg
Y
Ch. 0:
0x00D7
Ch. 1:
0x0057
MFR_CONFIG_ALL_
LT7182S
0xD1 General configuration bits.
R/W Word
N
Reg
Y
0x0100
MFR_FAULT_PROPAGATE_
LT7182S
0xD2 Configuration that determines which faults are
propagated to the FAULT pin.
R/W Word
Y
Reg
Y
0xE0D7
MFR_PWM_MODE_
LT7182S
0xD4 Configuration for the PWM engine.
R/W Word
Y
Reg
Y
0x1DD4
MFR_FAULT_RESPONSE
0xD5 Action to be taken by the device when the FAULT
pin is externally asserted low.
R/W Byte
Y
Reg
Y
0xC0
MFR_IOUT_PEAK
0xD7 Report the maximum measured value of READ_
IOUT since last MFR_CLEAR_PEAKS.
R Word
Y
IEEE/
L11
A
MFR_ADC_CONTROL_
LT7182S
0xD8 Configures the update rate of the measurements
taken by the ADC.
R/W Byte
N
Reg
Y
0x00
MFR_RETRY_DELAY
0xDB Retry interval during fault retry mode.
R/W Word
Y
IEEE/
L11
ms
Y
10.0
0x4900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com