Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 28 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 24Page - Analog Devices LTC7151S Datasheet HTML 25Page - Analog Devices LTC7151S Datasheet HTML 26Page - Analog Devices LTC7151S Datasheet HTML 27Page - Analog Devices LTC7151S Datasheet HTML 28Page - Analog Devices LTC7151S Datasheet HTML 29Page - Analog Devices LTC7151S Datasheet HTML 30Page - Analog Devices LTC7151S Datasheet HTML 31Page - Analog Devices LTC7151S Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LT7182S
28
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 7. Programmable Internal Compensation Lead Resistor RITH
MFR_PWM_MODE_LT7182S
BITS [5:3]
INTERNAL RITH VALUE
7
120kΩ
6
100kΩ
5
80kΩ
4
60kΩ
3
40kΩ
2
20kΩ
1
10kΩ
0
5kΩ
Table 8. Programmable Internal Compensation Capacitor CITH
MFR_PWM_MODE_LT7182S
BITS [8:6]
INTERNAL CITH VALUE
7
80pF
6
70pF
5
60pF
4
50pF
3
40pF
2
30pF
1
20pF
0
10pF
SOFTWARE-CONFIGURABLE SEQUENCING
Time-based sequencing offers a software-configurable
means of defining a system’s power-up and power-down
sequence. To employ time-based sequencing, program
TON_DELAY to independently delay each channel so that its
soft-start ramp begins at the correct point in the sequence.
The sequence begins when all channels are commanded
on simultaneously using either the OPERATION command
or RUN pins. Similarly, turn-off sequencing is coordinated
using the TOFF_DELAY command.
When using time-based sequencing among multiple ADI
devices, it is recommended that the SHARE_CLK pins of
the devices be connected together to a pull-up resistor
to 1.6V to 5.5V.
EVENT-BASED SEQUENCING
Event-based sequencing offers a hardware-configurable
means of defining a system’s power-up and power-down
sequence.
The PGOOD pin from one regulator may be connected
to the RUN pin of the next regulator in the sequence as
shown in Figure 8.
The LT7182S holds the PGOOD pin low until the channel’s
soft-start ramp is complete and its output voltage exceeds
the value set in VOUT_UV_FAULT_LIMT.
Figure 8. Event-Based Sequencing
LTpowerPlay GUI
LTpowerPlay is a powerful Windows-based development
environment that supports Analog Devices digital power
system management products including the LT7182S.
LTpowerPlay can be used to evaluate Analog Devices
products by connecting to a demo board or to the user
application board. LTpowerPlay can also be used in an
offline mode (with no hardware present) in order to
build multiple configuration files that can be saved and
reloaded at a later time. LTpowerPlay provides valuable
diagnostic information during system bring-up to pro-
gram or adjust the power supplies or to diagnose power
issues. LTpowerPlay utilizes Analog Devices’s DC1613A
USB-to-I2C/SMBus/PMBus adapter to communicate with
one of the many potential targets including the DC2836A
demo board. In application, the 3.3V VCCIO supply from
the DC1613A can be connected to the EXTVCC pin of the
LT7182S for programming without applying PVIN. The
LTpowerPlay software also provides an automatic update
feature to keep the revision current with the latest set of
device drivers and documentation. A great deal of context
sensitive help is available within LTpowerPlay along with
several tutorial demos. More information is available at:
https://www.analog.com/ltpowerplay
PGOOD0
PGOOD1
RUN0
START
RUN1
7182s F08
PGOOD0
LT7182S
LT7182S
PGOOD1
TO NEXT CHANNEL
IN THE SEQUENCE
RUN0
RUN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com