Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 18 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 14Page - Analog Devices LTC7151S Datasheet HTML 15Page - Analog Devices LTC7151S Datasheet HTML 16Page - Analog Devices LTC7151S Datasheet HTML 17Page - Analog Devices LTC7151S Datasheet HTML 18Page - Analog Devices LTC7151S Datasheet HTML 19Page - Analog Devices LTC7151S Datasheet HTML 20Page - Analog Devices LTC7151S Datasheet HTML 21Page - Analog Devices LTC7151S Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LT7182S
18
Rev. 0
For more information www.analog.com
OPERATION
• Shut down immediately and latch off
The remainder of this section describes the factory default
warning and fault behavior. See Table 1.
See the LT7182S PMBus/I2C Reference Manual for details
on configuring fault and warning behavior.
All faults and warnings are indicated in PMBus STATUS
commands.
When a warning occurs related to output voltage, output
current, or temperature, the LT7182S pulls the ALERT
pin low, the corresponding bit is set in the appropriate
STATUS command(s), and the channel continues to
operate.
If the output voltage falls below VOUT_UV_FAULT_LIMIT,
the LT7182S responds as follows:
• The channel’s PGOOD pin is pulled low
• The ALERT pin is pulled low
• The VOUT_UV fault bit is set in the STATUS_VOUT,
STATUS_BYTE, and STATUS_WORD commands.
• The channel continues to operate while limiting the
maximum valley current
If a fault occurs due to output overvoltage, or input over-
voltage, the LT7182S responds as follows:
• The faulted channel(s) are shut down immediately.
• The channel’s FAULT pin and PGOOD pin are pulled low
• The ALERT pin is pulled low
• The corresponding indicator bit(s) are set in the appro-
priate STATUS command(s)
• After 10ms (time defined by MFR_RETRY_DELAY), the
channel attempts to restart when the fault condition is
no longer present
If a fault occurs due to overtemperature, the LT7182S
responds as follows:
• Both channels are shut down immediately.
• Both channels’ FAULT pins and PGOOD pins are
pulled low
• The ALERT pin is pulled low
• The overtemperature (OT) bit is set in the appropriate
STATUS command(s)
• When the ADC measures that the temperature is below
the overtemperature threshold, the channel attempts
to restart
The LT7182S periodically compares the primary internal
voltage reference against a secondary internal voltage ref-
erence using the ADC. If a failure is detected, the LT7182S
responds as follows:
• Both channels are shut down immediately.
• The FAULT pins, PGOOD pins, and ALERT pins are
pulled low
• The internal reference fault bit is set in the STATUS
commands
• Both channels remain off unless the reference recovers
(for example due to temperature drift), a RESTORE_
USER_ALL or MFR_RESET command is received, or
input power is removed from both PVIN0 and EXTVCC
FAULT Pins
A fault will cause the FAULT pin to pull low if the corre-
sponding FAULT_RESPONSE command is programmed
to shut down the regulator output and the MFR_FAULT_
PROPAGATE_LT7182S command is configured to prop-
agate the fault to the open-drain FAULT pins.
Once the LT7182S pulls down a FAULT pin, the device
will continue to hold the pin low until one of the following
occurs:
• The channel retries, for faults that are configured to
retry
• The faulted channel is disabled then re-enabled
• A RESTORE_USER_ALL or MFR_RESET command is
received
• Input power is removed from both PVIN0 and EXTVCC
The FAULT pin can also be used as an input to provide a
method for the LT7182S to respond to external faults. The
channel turns off immediately if the channel’s FAULT pin is
pulled low externally. This enables coordination of faults
among multiple power system management products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com