Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 3 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 3 Page - Analog Devices

  LTC7151S Datasheet HTML 1Page - Analog Devices LTC7151S Datasheet HTML 2Page - Analog Devices LTC7151S Datasheet HTML 3Page - Analog Devices LTC7151S Datasheet HTML 4Page - Analog Devices LTC7151S Datasheet HTML 5Page - Analog Devices LTC7151S Datasheet HTML 6Page - Analog Devices LTC7151S Datasheet HTML 7Page - Analog Devices LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LT7182S
3
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
PVIN0, PVIN1............................................... –0.3V to 25V
EXTVCC........................................................ –0.3V to 6V
VSENSE0P, VSENSE1P ...................................... –0.3V to 6V
VSENSE0N, VSENSE1N .................................. –0.3V to 0.3V
ITH0, ITH1...................................................... –0.3V to 6V
SYNC/PWM_CFG, WP, SHARE_CLK,
ALERT, SDA, SCL, FAULT0, FAULT1, RUN0,
RUN1, PGOOD0, PGOOD1............................ –0.3V to 6V
Operating Junction Temperature (Note 2)
LT7182SR .......................................... –40°C to 150°C
ABSMAX TJ....................................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Peak Reflow (Package Body)
Temperature..........................................................260°C
(Note 1)
39
34
41
SW0
44
SW1
42
PGND
43
PGND
38 37 36 35
PGOOD1
FAULT1
WP
RUN0
RUN1
EXTVCC
FAULT0
ALERT
SCL
SDA
VSENSE0N
INTVCC
ITH1
ITH0
SGND
VOUT0_CFG
VDD18
ASEL
VOUT1_CFG/
POLYPHASE_CFG
VSENSE1N
VSENSE1P
VSENSE0P
TOP VIEW
LQFN PACKAGE
40-LEAD (5mm × 7mm × 0.9mm)
θJA = 27°C/W, ΨJT = 0.28°C/W,
EXPOSED PAD (PINS 41 - 44) MUST BE SOLDERED TO
APPROPRIATE PCB NETS
40
33
13 14 15 16 17 18 19 20
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
SHARE_CLK
SYNC/
PWM_CFG
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE**
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LT7182SRV#PBF
Au (RoHS)
7182S
e4
LQFN
3
–40°C to 150°C
• *Pad or ball finish code is per IPC/JEDEC J-STD-609. The temperature
grade is identified by a label on the shipping container.
**LQFN is Laminate Package with QFN Footprint. The LT7182S package has
the same X, Y dimensions as a standard 5mm × 7mm QFN package.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com