Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 6 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 2Page - Analog Devices LTC7151S Datasheet HTML 3Page - Analog Devices LTC7151S Datasheet HTML 4Page - Analog Devices LTC7151S Datasheet HTML 5Page - Analog Devices LTC7151S Datasheet HTML 6Page - Analog Devices LTC7151S Datasheet HTML 7Page - Analog Devices LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices LTC7151S Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LT7182S
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PVIN0, PVIN1 Input Voltage Readback
READ_VIN Accuracy
VIN = 1.5V to 2.5V
VIN = 2.5V to 20V
l
l
–25
–1
25
1
mV
%
Output Current Readback
READ_IOUT Accuracy
IOUT = 0A to 4A, (VOUT/VIN) ≤ 0.5
IOUT = 4A to 8A, (VOUT/VIN) ≤ 0.5
IOUT = 0A to 4A, (VOUT/VIN) > 0.5
IOUT = 4A to 8A, (VOUT/VIN) > 0.5
l
l
l
l
–200
–5
–600
–15
200
5
600
15
mA
%
mA
%
Input Current Readback
READ_IIN Accuracy
IIIN = 0A to 1A,
IIIN = 1A to 5A
l
l
–250
–25
250
25
mA
%
Frequency Readback
READ_FREQUENCY Accuracy
fSW ≤ 400kHz
fSW ≥ 400kHz
–20
–5
20
5
kHz
%
EEPROM Characteristics
Retention
(Note 4)
l
10
years
Endurance
(Note 4)
l
10,000
writes
Mass Write Time (STORE_USER_ALL)
l
250
500
ms
Digital Inputs RUN0, RUN1, FAULT0, FAULT1, PGOOD0, PGOOD1, SHARE_CLK, SCL, SDA, ALERT, WP
Input High Threshold (VIH)
l
1.1
1.35
V
Input Low Threshold (VIL)
l
0.8
0.9
V
Hysteresis (VHYS)
50
200
400
mV
Leakage Current
Applied Voltage = 0V, 5.5V
±10
µA
Input Capacitance
10
pF
Digital Clock Input SYNC/PWM_CFG
Peak-to-Peak Input Voltage Swing
SYNC Input Mode
l
1.6
5.5
V
Rise Time
SYNC Input Mode
25
ns
Duty Cycle
SYNC Input Mode
30
70
%
Digital Clock Output SYNC/PWM_CFG
Output High Voltage
SYNC Output Mode
l
1.6
1.88
1.98
V
Output Low Voltage
SYNC Output Mode
l
0
0.1
V
Current-Limited Open-Drain Output RUN0, RUN1, FAULT0, FAULT1
Pulldown Current
Applied Voltage = 0.4V to 5.5V
l
1
1.5
2
mA
Open-Drain Outputs PGOOD0, PGOOD1, SHARE_CLK
Output Low Voltage
I = 6mA
l
0.4
V
Digital I/O SCL, SDA, ALERT
Output Low Voltage
I = 20mA
l
0.4
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com