Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices LTC7151S Datasheet HTML 10Page - Analog Devices LTC7151S Datasheet HTML 11Page - Analog Devices LTC7151S Datasheet HTML 12Page - Analog Devices LTC7151S Datasheet HTML 13Page - Analog Devices LTC7151S Datasheet HTML 14Page - Analog Devices LTC7151S Datasheet HTML 15Page - Analog Devices LTC7151S Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LT7182S
12
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PVIN1 (Pins 15, 18): Power Supply Input for Channel 1.
These pins must be tied together and bypassed as close
as possible to the LT7182S, with a low ESR capacitor of
value 4.7µF or more.
SW1 (Pins 16, 17, Exposed Pad Pin 44): Output of the
Channel1 Internal Power Switches. Tie these pins together
and connect them to the channel1 inductor and BOOST1
capacitor. This node should be kept small on the PCB for
good performance.
DRVCC (Pin 20): Internal 3.5V LDO Regulator Bypass.
This regulator provides the supply current for the power
FET drivers. This pin must be bypassed to PGND with a
10µF or greater, low ESR ceramic capacitor, as close as
possible to the IC, using the top PCB layer. Do not load
the DRVCC pin with external circuitry, with the optional
exceptions of the pull-up resistor for the SHARE_CLK pin
and/or the RUN0, RUN1, FAULT0, or FAULT1 pins.
EXTVCC (Pin 21): Optional Power Supply Input. If con-
nected to 3V to 5.5V, this pin will be used to derive the
DRVCC, INTVCC, and VDD18 supplies. If one of the regulator
outputs is set to VOUT of 3V or greater, that VOUT may be
connected to EXTVCC to reduce power loss. If this pin is
not tied to a regulator output, use a 0.1μF or greater local
bypass ceramic capacitor on this pin, as close as possible
to the LT7182S.
SYNC/PWM_CFG (Pin 22): External Clock Synchronization
Input/Output and/or PWM Configuration. When driven
with an external clock, an internal phase-locked loop syn-
chronizes the switching regulator output with the rising
edge of the external clock. If this pin is to be used as
a clock input, then a 1.5nF AC-coupling capacitor must
be inserted in series with the clock source, unless the
EEPROM is programmed to ignore the configuration
resistors (MFR_CONFIG_ALL_LT7182S bit 6 set) in which
case the clock source can be connected directly. If config-
ured as an output (MFR_SYNC_CONFIG_LT7182S bit 0
set), the LT7182S will drive the SYNC/PWM_CFG pin out-
put at the switching clock frequency set by FREQUENCY_
SWITCH, with a voltage swing of 0V to 1.88V (typical).
Connect a 1% resistor from SYNC/PWM_CFG to ground
(PGND or SGND) according to Table 3 in Applications
Information to select frequency, phase, and mode con-
figurations. The SYNC/PWM_CFG pin is read at LT7182S
startup and reset. See Applications Information for more
details.
RUN0, RUN1 (Pin 24, Pin 23): Regulator Enable Inputs.
Logic high enables the regulators. The RUN0 and RUN1
pins are pulled down with 1.5mA (typical) during POR
and reset to facilitate sequencing with other regulators,
but may be over-driven high by a digital output of another
device. The pins may be tied directly to DRVCC to enable
the regulators when input power is present.
SHARE_CLK (Pin 25): Bidirectional Open-Drain Sequence
Time Base Share Clock. Nominally 100kHz. Used to align
startup and shutdown of regulator outputs among multiple
ADI products when PolyPhase or time-based sequencing
is employed. A pull-up resistor to 1.6V to 5.5V is required
if the SHARE_CLK function is used. If neither PolyPhase
nor time-based sequencing are required, SHARE_CLK
may be tied to ground if bit 2 of MFR_CHAN_CONFIG_
LT7182S is programmed to zero for both channels (to
ignore SHARE_CLK).
WP (Pin 26): Write Protect Input. When this pin is high,
only the PAGE, OPERATION, MFR_EE_UNLOCK, and
CLEAR_FAULTS commands are writable. Clear individ-
ual fault bits by writing a 1 to the respective bits in the
STATUS commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com