Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 1 Page - Analog Devices

  LTC7151S Datasheet HTML 1Page - Analog Devices LTC7151S Datasheet HTML 2Page - Analog Devices LTC7151S Datasheet HTML 3Page - Analog Devices LTC7151S Datasheet HTML 4Page - Analog Devices LTC7151S Datasheet HTML 5Page - Analog Devices LTC7151S Datasheet HTML 6Page - Analog Devices LTC7151S Datasheet HTML 7Page - Analog Devices LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LT7182S
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Channel 6A, 20V PolyPhase
Step-Down Silent Switcher 2 with
Digital Power System Management
The LT®7182S is a dual-output monolithic PolyPhase
DC/DC synchronous step-down regulator that deliv-
ers up to 6A of continuous current from both channels
simultaneously and supports loads up to 8A from either
channel. The LT7182S features the second generation
Silent Switcher® architecture with integrated VIN bypass
capacitors for fast, clean, low-overshoot switching edges
delivering high efficiency at high switching frequencies
while minimizing EMI emissions.
The I2C-based PMBus 1.3 compliant serial interface
enables control of device functions and provides telemetry
information for system monitoring. The LT7182S is sup-
ported by the LTpowerPlay® graphical user interface tool.
Output voltage, frequency, phase, and device address
can be configured using resistors for operation without
programming. Settings may also be written via the serial
interface and/or stored in EEPROM.
The controlled on-time valley current mode control archi-
tecture with 20ns (typical) minimum on-time enables high
switching frequency at low output voltage with excellent
transient response in a small overall solution size.
12VIN to 1.2VOUT Efficiency
APPLICATIONS
n
Silent Switcher®2 Architecture: Enables Compact,
Efficient, low EMI Solution
n
PMBus/I2C Serial Interface
n
Telemetry Read Back Includes VOUT, IOUT, VIN, Die
Temperature, Faults
n
Programmable Voltage, Current Limit, Digital Soft-
Start/Stop, Sequencing, UV/OV, Phase, Frequency
(Up to 4MHz), Loop Compensation
n
Integrated EEPROM with Fault Event Log
n
Key Parameters May Be Set by Configuration
Resistors for Operation without Programming
n
±0.25% Output Voltage Accuracy Over Temperature
for 0.6V to 1.375V
n
PolyPhase Load Sharing for Up to Eight Phases
n
Wide VIN Range: Down to 2.9V, or 1.5V with EXTVCC
n
Up to 95% Efficiency at 1MHz, 12VIN to 3.3VOUT
n
VOUT Range 0.4V to 5.5V (Up to 0.85 • VIN)
n
Differential Remote VOUT Sense
n
External Frequency Synchronization
n
40-lead (5mm × 7mm) LQFN Package
n
Communications, Storage, and Industrial Systems
n
Data Center and Solid State Drive Power Supplies
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8823345.
SDA
SCL
SW0
VSENSE0P
LT7182S
7182s TA01
FAULT0
PVIN0
PVIN1
ALERT
VSENSE0N
BOOST0
PGOOD0
SHARE_CLK
PGOOD1
EXTVCC
FAULT1
WP
VOUT0
4V
RUN1
RUN0
VIN
20V
ITH0
INTVCC
ITH1
SYNC/PWM_CFG
ASEL
VOUT1_CFG/
POLYPHASE_CFG
VOUT0_CFG
DRVCC
SW1
VSENSE1P
VSENSE1N
BOOST1
VOUT1
1.2V
VDD18
EFFICIENCY
POWER LOSS
0.4MHz, 1µH
1MHz, 0.47µH
2MHz, 0.22µH
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
7182s TA0b


Similar Part No. - LTC7151S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7151S AD-LTC7151S Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC7151S AD-LTC7151S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LTC7151S AD-LTC7151S Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
LTC7151S AD-LTC7151S Datasheet
1Mb / 45P
18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. A
LTC7151S AD-LTC7151S Datasheet
1Mb / 44P
18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. B
More results

Similar Description - LTC7151S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8650SP AD-LT8650SP Datasheet
3Mb / 34P
Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com