Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 19 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 15Page - Analog Devices LTC7151S Datasheet HTML 16Page - Analog Devices LTC7151S Datasheet HTML 17Page - Analog Devices LTC7151S Datasheet HTML 18Page - Analog Devices LTC7151S Datasheet HTML 19Page - Analog Devices LTC7151S Datasheet HTML 20Page - Analog Devices LTC7151S Datasheet HTML 21Page - Analog Devices LTC7151S Datasheet HTML 22Page - Analog Devices LTC7151S Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LT7182S
19
Rev. 0
For more information www.analog.com
OPERATION
PGOOD Pins
The open-drain PGOOD pins are each pulled low if the
corresponding channel is off for any reason, during
soft-start and soft-stop, or if the output voltage is below
VOUT_UV_FAULT_LIMIT.
ALERT Pin
The SMBALERT_MASK command configures which
warning and fault indicators cause the LT7182S to pull
down the open-drain ALERT pin.
Once the LT7182S pulls down the ALERT pin, the device
will continue to hold the pin low until one of the following
occurs:
• The faulted channel is disabled then re-enabled
• A CLEAR_FAULTS, RESTORE_USER_ALL or MFR_
RESET command is received
• All unmasked status bits are cleared by writing a 1 to
each bit
• The LT7182S successfully transmits its address during
a PMBus ARA
• Input power is removed from both PVIN0 and EXTVCC
Fault Event Logging
If a fault condition occurs that is configured to turn off
the regulator output, an event is written in the fault log
in EEPROM. Any preceeding warning or fault that is not
configured to turn off the output is written as a sub-
event when an event is written. A timestamp is written
with each event and subevent. The fault log stores up
to three fault-off events. The fault log may be read by
the MFR_FAULT_LOG command. The fault log is cleared
from EEPROM by writing the MFR_FAULT_LOG_CLEAR
command. The fault log function is enabled by default and
may be disabled by clearing bit 7 of MFR_CONFIG_ALL.
See the MFR_FAULT_LOG command in the LT7182S
PMBus/I2C Reference Manual for more details.
Table 1. Factory-Default Warning and Fault Behavior (Note 1)
WARNING OR FAULT TYPE
DETECTION METHOD
DEFAULT THRESHOLD
DEFAULT REGULATOR
RESPONSE
DEFAULT PIN RESPONSE
PGOOD
FAULT
ALERT
VOUT UV Warning
Comparator
VOUT_COMMAND –6.5%
Continue Operation
Pull Low
VOUT OV Warning
Comparator
VOUT_COMMAND +7.5%
Continue Operation
Pull Low
VOUT UV Fault
Comparator
VOUT_COMMAND –7%
Continue Operation
Pull Low
Pull Low
VOUT OV Fault
Comparator
VOUT_COMMAND +10%
Shutdown and Retry
Pull Low Pull Low Pull Low
VIN OV Fault
Comparator
23.3V
Shutdown and Retry
Pull Low Pull Low Pull Low
VIN UV Warning
ADC
–1.0V (Disabled)
Continue Operation
Pull Low
Overtemperature (OT) Warning
ADC
140°C
Continue Operation
Pull Low
OT Fault
ADC
160°C
Shutdown and Retry
Pull Low Pull Low Pull Low
IOUT Overcurrent (IOUT_OC) Warning
ADC
IAVG > 8A
Continue Operation
Pull Low
IOUT OC Fault
Valley Comparator
IVALLEY > 6.5A (Note 2)
Continue Operation
Turn-On Time (tON_MAX) Fault
Comparator and Timer
5ms without Exceeding
VOUT_UV_FAULT_LIMIT
Continue Operation
Pull Low
Pull Low
Turn-Off Time (tOFF_MAX) Warning
ADC and Timer
0 (Disabled)
N/A
Pin Configuration Error (Note 3)
I/O
N/A
Lock Off Until Next Reset Pull Low Pull Low Pull Low
EEPROM Error
CRC, ECC
N/A
Lock Off Until Next Reset Pull Low
Pull Low
Internal Reference Fault
ADC and 2nd Reference
±5%
Shutdown and Retry
Pull Low Pull Low Pull Low
PMBus/I2C Communication Error (CML)
Logic
N/A
N/A
Pull Low
Note 1. See the LT7182S PMBus/I2C Reference Manual for detailed information including configuring thresholds and responses.
Note 2. The IOUT_OC_FAULT valley current threshold is controlled by MFR_PWM_MODE_LT7182S bits [10:9].
Note 3. When a pin configuration error is detected during initialization, the device pulls low the following pins: FAULT0, FAULT1, RUN0, RUN1, SHARE_CLK,
PGOOD0, PGOOD1, and ALERT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com