Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 9 Page - Analog Devices

Part # LTC7151S
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 5Page - Analog Devices LTC7151S Datasheet HTML 6Page - Analog Devices LTC7151S Datasheet HTML 7Page - Analog Devices LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices LTC7151S Datasheet HTML 10Page - Analog Devices LTC7151S Datasheet HTML 11Page - Analog Devices LTC7151S Datasheet HTML 12Page - Analog Devices LTC7151S Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LT7182S
9
Rev. 0
For more information www.analog.com
Switch RDSON vs Temperature
Minimum On-Time
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Off-Time
READ_TEMPERATURE Error vs
Temperature
EXTVCC Idle Current vs
Temperature
TJ Rise vs Load
Case Temperature Rise
READ_IOUT Error vs IOUT
TOP SWITCH
BOTTOM SWITCH
TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140 160
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
7182s G08
ILOAD = 0A
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140 160
10
15
20
25
30
35
40
7182s G09
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140 160
30
35
40
45
50
55
60
65
70
75
80
85
90
7182s G10
ACTUAL TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140 160
–5
–4
–3
–2
–1
0
1
2
3
4
5
7182s G11
CH[0] AND CH[1] DISABLED
TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140 160
6.00
6.25
6.50
6.75
7.00
7.25
7.50
7.75
8.00
8.25
8.50
8.75
9.00
7182s G12
EXTVCC = 4V
DEMO BOARD IN STILL AIR
PVIN = 12V
VOUT = 0.8V
EXTVCC = 4V
1MHz
2MHz
LOAD CURRENT (SINGLE CHANNEL) (A)
0
1
2
3
4
5
6
7
8
9
0
5
10
15
20
25
30
35
40
45
50
55
60
65
7182s G13
DEMO BOARD IN STILL AIR
PVIN = 12V
VOUT = 0.8V
EXTVCC = 4V
1MHz
2MHz
LOAD CURRENT (SINGLE CHANNEL) (A)
0
1
2
3
4
5
6
7
8
9
0
5
10
15
20
25
30
35
40
45
50
55
60
65
7182s G14
12VIN, 0.8VOUT, 1MHz
12VIN, 1.8VOUT, 2MHz
5VIN, 2.5VOUT, 3MHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9
–200
–160
–120
–80
–40
0
40
80
120
160
200
7182s G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com