Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC4261
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 45Page - Analog Devices LTC4261 Datasheet HTML 46Page - Analog Devices LTC4261 Datasheet HTML 47Page - Analog Devices LTC4261 Datasheet HTML 48Page - Analog Devices LTC4261 Datasheet HTML 49Page - Analog Devices LTC4261 Datasheet HTML 50Page - Analog Devices LTC4261 Datasheet HTML 51Page - Analog Devices LTC4261 Datasheet HTML 52Page - Analog Devices LTC4261 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
LTC4284
49
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
with 2 (OV) or 2 to 3 (UV) resistors in each divider make it
easier to make non-interactive changes at a later time. The
two dividers as shown in Figure 13 gives UV shutdown at
43.4V, UV release at 45.1V, OV shutdown at 59.3V and
OV release at 58.3V, which covers the full input voltage
range of this example. 10nF capacitors filter out noises
on UVL and OV.
For ADC+ and ADC− inputs, 1Ω is chosen for the averag-
ing resistor on the RS2 side (RA2). The averaging resistor
on the RS1 side is determined by the ratio between RS1
and RS2:
RA1=RA2 •
RS1
RS2
=1Ω •
5mΩ
0.33mΩ
=15Ω
The current ADC has a full scale of 32.768mV. The total
sense resistance is 5mΩ in parallel with six 2mΩ, or
0.312mΩ. With a full scale of 32.768mV on the ADC+ −
ADC− input, this gives a full-scale current of 104.9A and
a LSB size of 25.6mA in 12-bit mode.
Layout Considerations
To achieve accurate current sensing, Kelvin connections
are required. The minimum trace width for 1oz copper
foil is 0.02" per amp to make sure the trace stays at a
reasonable temperature. Using 0.03" per amp or wider
is recommended. Note that 1oz copper exhibits a sheet
resistance of about 530μΩ/square. Use 2oz or heavier
copper for high current applications.
The VEE pin of the LTC4284 should be connected to a sep-
arate plane from the main –48V input plane. To improve
noise immunity, as shown in Figure 20, the VEE connec-
tions of all capacitors, resistive dividers, opto-isolators
and I2C common must be made directly to the local VEE
plane, not the –48V input plane.
The mechanical stress of soldering a part to a board and
the heat of an IR reflow or convection soldering oven
can cause the ADC full-scale error (FSE) and the current
limit voltage (VILIM) to shift. Refer to Typical Performance
Characteristics for ADC FSE and VILIM shifts of 300 units
of LTC4284 after three cycles of the lead-free IR reflow
process.
Reboot on I2C Command
The LTC4284 features a reboot command bit, RBT_EN
in REBOOT register 0xA2. Setting this bit will cause the
LTC4284 to shut down and reboot after a delay. The
reboot delay is programmable from 512ms to 65.5s
using the three RBT_DL bits in the REBOOT register. A
reboot delay allows load capacitance to fully discharge.
During the reboot delay the DELAY_STATUS bit in the
REBOOT register is set to 1. It will be cleared when the
delay expires. The reboot will also copy the contents of
the EEPROM to volatile registers in the same way as after
initial power-up. On systems where the hot swap con-
troller supplies power to the I2C master, this allows the
master to issue a command that power cycles the entire
board, including itself. Once set, the RBT_EN bit remains
1 after reboot is completed. Clear it before issuing the
next reboot command.
Data Converters
The LTC4284 incorporates a pair of Sigma-Delta A/D con-
verters (ADCs) that are configurable from 8-bit at 1kHz
conversion rate to 16-bit at 1Hz conversion rate in five
settings using the ADC bits in PGIO_CONFIG_2 register
0x11 (see Table 12). In the default continuous mode, the
first ADC (ADC1) continuously monitors the input cur-
rent through a sense resistor between ADC+ and ADC−.
The second ADC (ADC2) is synchronized to ADC1 and
Figure 20. Layout Example of VEE Plane, –48V
Input Plane and Sense Resistor Connection
G
S
–48V INPUT PLANE
VEE PLANE
RS
LTC4284 VEE PIN
ALL CAPACITORS
ALL RESISTIVE DIVIDERS
ALL OPTO-ISOLATORS
I2C COMMON
TIE VEE TO –48V INPUT HERE
4248 F20
TO SENSE1–
OR SENSE2– PIN
TO SENSE1+
OR SENSE2+ PIN
D
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com