Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4261
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 1 Page - Analog Devices

  LTC4261 Datasheet HTML 1Page - Analog Devices LTC4261 Datasheet HTML 2Page - Analog Devices LTC4261 Datasheet HTML 3Page - Analog Devices LTC4261 Datasheet HTML 4Page - Analog Devices LTC4261 Datasheet HTML 5Page - Analog Devices LTC4261 Datasheet HTML 6Page - Analog Devices LTC4261 Datasheet HTML 7Page - Analog Devices LTC4261 Datasheet HTML 8Page - Analog Devices LTC4261 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
LTC4284
1
Rev. B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Power Negative
Voltage Hot Swap Controller
with Energy Monitor
The LTC®4284 negative voltage hot swap controller drives
external N-channel MOSFETs to allow a board to be safely
inserted and removed from a live backplane. The dual-
gate, multi-mode drivers optimize the MOSFET safe oper-
ating area (SOA) for a variety of power levels. The SOA
timer limits MOSFET temperature rise for reliable protec-
tion against overstresses.
An I2C interface and onboard gear-shift ADC allow moni-
toring of board current, voltage, power, energy, and fault
status. An available single-wire broadcast mode simplifies
the interface by eliminating two isolators. The included
EEPROM provides black-box capturing and nonvolatile
configuration of fault behavior.
Additional features respond to input UV/OV, interrupt the
host when a fault has occurred, notify when output power
is good, detect insertion of a board, turn off the MOSFETs
if an external supply monitor fails to indicate power good
within a timeout period, and auto-reboot after a program-
mable delay following a host commanded turn-off.
–52V/2500W Hot Swap Controller with Telemetry
Startup Behavior
APPLICATIONS
n
Drives Two Gates for High Power Applications
n
Configurable Parallel, Staged Start or Single Modes
n
Protects MOSFET with SOA Timer
n
Programmable 15mV to 30mV Current Limit Sense
Voltage with <3.3% Accuracy and Adjustable Foldback
n
8-Bit to 16-Bit Gear-Shift ADC with 0.7% Accuracy
n
Monitors Voltages, Currents, Power and Energy
n
Nonvolatile Configuration and Fault Recording
n
Floating Topology for Rugged High Voltage Operation
n
Selectable Inrush Control: dV/dt or Current Limit
n
I2C/SMBus or Single-Wire Broadcast Interfaces
n
Min/Max ADC Measurement Logging with Alerts
n
Reboots on I2C Command with Programmable Delay
n
Adjustable Input UV/OV Thresholds and Hysteresis
n
44-Pin 5mm × 8mm QFN Package
n
Telecom Infrastructure
n
–48V Distributed Power Systems
n
Servers and Data Centers
n
Power Monitors
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8230151, 7382167, 9634480, 9634481, 10263414.
402k
1µF
5m
4 × 1k IN SERIES
0.25W EACH
0.1µF
4
4
4
2 × IPT020N10N3
PSMN7R6-100BSE
100k
10k
316k
10.2k
316k
2.2nF
2000µF
4284 TA01a
0.33m
7.68k
470nF
10.2k
RTN
UVH
UVL
OV
–52V
INPUT
ADIN
TMR
VEE
MODE
INTVCC
SENSE1+
GATE1
SENSE2–
GATE2 DRAIN
VZ VIN
RTNS
SCL
SDAI
SDAO
ALERT#
ADIO
PGIO
LTC4284
RTN
(SHORT PIN)
VEE
DRNS
SENSE2+
EN#
UV = 43.5V
UV RELEASE AT 48.5V
OV = 59V
OV RELEASE AT 58V
VEE
VEE
VEE
VEE
SENSE1–
RAMP
VOUT
VLOAD
+
–
GATE1
10V/DIV
100ms/DIV
4284 TA01b
GATE2
10V/DIV
–52V
VOUT
50V/DIV
IINRUSH
1A/DIV


Similar Part No. - LTC4261

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
370Kb / 32P
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261 LINER-LTC4261 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4261 AD-LTC4261 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
More results

Similar Description - LTC4261

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
logo
Analog Devices
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com