Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4261
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 7Page - Analog Devices LTC4261 Datasheet HTML 8Page - Analog Devices LTC4261 Datasheet HTML 9Page - Analog Devices LTC4261 Datasheet HTML 10Page - Analog Devices LTC4261 Datasheet HTML 11Page - Analog Devices LTC4261 Datasheet HTML 12Page - Analog Devices LTC4261 Datasheet HTML 13Page - Analog Devices LTC4261 Datasheet HTML 14Page - Analog Devices LTC4261 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
LTC4284
11
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
12-Bit Voltage ADC DNL vs Code
12-Bit Current ADC INL vs Code
12-Bit Current ADC DNL vs Code
16-Bit Voltage ADC Noise
Histogram
16-Bit Current ADC Noise
Histogram
12-Bit ADC Input Signal Attenuation
(Low Frequencies)
Voltage ADC Total Unadjusted
Error (TUE) vs Code
Current ADC Total Unadjusted
Error (TUE) vs Code
12-Bit Voltage ADC INL vs Code
INPUT = VRTNS
RESOLUTION = 12-BIT
CODE
0
1024
2048
3072
4096
–0.10
–0.05
0
0.05
0.10
4284 G16
INPUT = VRTNS
CODE
0
1024
2048
3072
4096
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
4284 G19
VRTNS = 1.024V
1LSB = 31.25µV
CODE VARIATION (LSB)
–3
–2
–1
0
1
2
3
0
1000
2000
3000
4000
5000
6000
4284 G22
INPUT = VADC+ – VADC–
RESOLUTION = 12-BIT
CODE
0
1024
2048
3072
4096
–0.10
–0.05
0
0.05
0.10
4284 G17
INPUT = VADC+ – VADC–
CODE
0
1024
2048
3072
4096
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
4284 G20
VADC+ – VADC– = 16.4mV
1LSB = 500nV
CODE VARIATION (LSB)
–3
–2
–1
0
1
2
3
0
2000
4000
6000
8000
4284 G23
INPUT = VRTNS
CODE
0
1024
2048
3072
4096
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
4284 G18
INPUT = VADC+ – VADC–
CODE
0
1024
2048
3072
4096
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
4284 G21
INPUT = VRTNS
FREQUENCY (Hz)
0
25
50
75
100
125
150
–50
–40
–30
–20
–10
0
4284 G24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com