Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 24Page - Analog Devices LTC4282 Datasheet HTML 25Page - Analog Devices LTC4282 Datasheet HTML 26Page - Analog Devices LTC4282 Datasheet HTML 27Page - Analog Devices LTC4282 Datasheet HTML 28Page - Analog Devices LTC4282 Datasheet HTML 29Page - Analog Devices LTC4282 Datasheet HTML 30Page - Analog Devices LTC4282 Datasheet HTML 31Page - Analog Devices LTC4282 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC4238
32
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020
07/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
COMM
0.8m
0.8m
RG1
10
M2A
PSMN3R7-100BSE
RG2
10
R1
360k
1%
R3
93.1k
1%
R2
3.01k
1%
R1
4.22k
1%
C3
0.1µF
CFET
0.33µF
R7
62k
1%
R8
5.23k
CL
CTMR*
4300pF
CF
0.1µF
RG3
10
M2B
PSMN3R7-100BSE
RG4
10
UV
FLT
PG
TMR
VDD
CONFIG1
SENSE1–
SENSE1+
GATE1
SENSE2–
GATE2
SOURCE VDSFB
FB
COMM
LTC4238
SENSE2+
OV
ISET
CONFIG2
INTVCC
TMRFET
GND
48V
GND
VOUT
48V
BACKPLANE PLUG-IN
BOARD
150A
SMC5K60A
×3
3× LTC4238
RS1
RS2
4238 TA02
1k
1nF
*ONLY ONE OF ALL THE LTC4238s NEEDS TO HAVE A CAPACITOR CONNECTED TO THE TMR PIN.
39k
0.015µF
39k
0.015µF
M1A
M1B
PSMN3R7-100BSE
PSMN3R7-100BSE
48V, 150A Hot Swap Controllers Using the COMM Pin
PART NUMBER DESCRIPTION
COMMENTS
LT®1641-1/
LT1641-2
Positive High Voltage Hot Swap Controllers
Active Current Limiting, Supplies from 9V to 80V
LT4256-1/
LT4256-2
Positive 48V Hot Swap Controller with Open-Circuit Detect Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output, Up to
80V Supply
LTC4281
Positive Voltage Hot Swap Controller with I2C Compatible
Monitoring
12-/16-Bit ADC Monitors Current, Voltage, Power and Energy, Internal
EEPROM, I2C, Supplies from 2.9V to 33V
LTC4282
High Current Positive Voltage Hot Swap Controller with I2C
Compatible Monitoring
Dual Gate Drive, 12-/16-Bit ADC Monitors Current, Voltage, Power and
Energy, Internal EEPROM, I2C, Supplies from 2.9V to 33V
LTC4283
–48V Hot Swap Controller with Energy Monitor
SOA Timer, 8-Bit to 16-Bit ADC Monitors Current, Voltage, Power and
Energy, Internal EEPROM, I2C or Single-Wire Broadcast
LTC4284
–48V High Current Hot Swap Controller with Energy
Monitor
Dual Gate Drive, SOA Timer, 8-Bit to 16-Bit ADC Monitors Current, Voltage,
Power and Energy, Internal EEPROM, I2C or Single-Wire Broadcast
LTC4237
Positive High Voltage Hot Swap Controllers
Active Current Limiting, Foldback Current Limiting, SOA Timer, FET Health
Monitor, Supplies from 6.5V to 80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com