Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 19Page - Analog Devices LTC4282 Datasheet HTML 20Page - Analog Devices LTC4282 Datasheet HTML 21Page - Analog Devices LTC4282 Datasheet HTML 22Page - Analog Devices LTC4282 Datasheet HTML 23Page - Analog Devices LTC4282 Datasheet HTML 24Page - Analog Devices LTC4282 Datasheet HTML 25Page - Analog Devices LTC4282 Datasheet HTML 26Page - Analog Devices LTC4282 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC4238
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
On-Off Control
The LTC4238 can be configured to turn on automatically
on insertion by connecting the UV/OV resistive voltage
divider through a short pin on the connector. For an active
high turn-on, the top of the divider is connected to the
supply through the short pin as in Figure 8a; for active low
turn-on, the bottom of the divider is connected to ground
through the short pin as in Figure 8b. Both the UV and
OV pins are rated to 100V so no additional protection is
needed when pulled up to the supply.
An open-drain pull-down, or logic level NMOS may be
connected to the UV pin to allow a logic signal to turn the
LTC4238 on and off as shown in Figure 8c.
In addition the COMM pin may be used to turn off the
LTC4238 by pulling it to GND with an open-drain pull-
down. When COMM is released, the LTC4238 will turn on
immediately provided no faults are present.
Parallel Controllers Using the COMM Pin
The LTC4238 has a COMM pin that communicates its sta-
tus so that multiple LTC4238s can operate in parallel. Tie
the COMM pins of a group of parts together to allow them
to operate in tandem. A small capacitor may be connected
to COMM node to improve noise immunity if necessary.
The COMM pin has 4 states.
• Zero Volts mean none of the parts can turn on. Any
part with a fault present will pull the pin to 0V to turn
off the entire bank.
• 0.8V indicates only the start-up channel of the parts
configured with LSSS mode are allowed to turn on.
Those parts will regulate the COMM at 0.8V voltage
with a 5µA pull-up current until the start-up MOSFET
is fully enhanced.
• 2.5V at the COMM indicates that all the parts can turn
on. The parts that have no faults present regulate at
2.5V with a 5µA pull-up current. The parts that are
on and in current limit will disable the 2.5V regulator,
allowing the COMM voltage to rise.
• 5V means all the parts are in current limit.
When configured as a current limit timer, only one
LTC4238 needs to have capacitor connected to the TMR
pin. When the COMM voltage is within 1.5V of INTVCC,
the current limit TMR integrates. The remaining LTC4238s
may have their TMR pins grounded to disable overcurrent
R3
R2
R1
UV
LTC4238
OV
48V
CUV
5V
R3
R2
R1
UV
LTC4238
OV
48V
R3
R2
R1
UV
LTC4238
OV
48V
CUV
100V
OFF
4238 F08
(a) Short Pin to Supply
(b) Short Pin to Ground
(c) On/Off Control by Logic Signal
Figure 8. On/Off Control with UV/OV Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com