Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 22Page - Analog Devices LTC4282 Datasheet HTML 23Page - Analog Devices LTC4282 Datasheet HTML 24Page - Analog Devices LTC4282 Datasheet HTML 25Page - Analog Devices LTC4282 Datasheet HTML 26Page - Analog Devices LTC4282 Datasheet HTML 27Page - Analog Devices LTC4282 Datasheet HTML 28Page - Analog Devices LTC4282 Datasheet HTML 29Page - Analog Devices LTC4282 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC4238
26
Rev. 0
For more information www.analog.com
VDS,MAX =
ICH(MAX) •RDS(ON),MAX
2
=
20A •3.7m
Ω
2
= 37mV
(11)
There is enough margin with the full current load for
VDD – SOURCE before reaching FET bad threshold of
100mV.
Since PSMN3R7-100BSE has about 10nF of gate
capacitance it is likely to be stable, but the short-circuit
stability of the current limit loop should be checked and
improved by adding capacitors from GATE to SOURCE
if needed.
Step 3. Select the RC network for the SOA timer following
the procedure as shown in the SOA Timer section. Three
thermal capacitors and three thermal resistors provide
fairly good curve fitting for the thermal impedance plot
of the chosen MOSFET, PSMN3R7-100BSE in the range
between 100μs and 100ms (wide enough for typical oper-
ating conditions of this application): Cθ1 = 0.001J/°C,
Rθ1 = 0.013°C/W, Cθ2 = 0.008J/°C, Rθ2 = 0.16°C/W,
Cθ3 = 0.1J/°C, Rθ3 = 0.27°C/W. The conversion constant
is given by:
k
=
VDS,MAX •ID,MAX
ITMR(UP),MAX
•
VTMR(TH)
∆TMAX
=
58V •20mV
400µA •0.5m
Ω
•
2.56V
175
°C–65°C
= 1.4•105
V2
°C
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
(12)
where ΔTMAX is the maximum allowable temperature
rise and chosen to be 110°C, which corresponds to a
maximum MOSFET temperature of 175°C at an operat-
ing temperature of 65°C. The thermal R and C values are
then converted to electric R and C values as shown in
the SOA timer section. After the electrical R and C val-
ues are computed, choose the closest next-larger avail-
able resistor value and the closest next-smaller available
capacitor value. Then the resistance corresponding to the
thermal resistance of the board is added to the termi-
nation resistance (the largest one). Assuming a 5°C/W
board thermal resistance in this application, it is con-
verted to 5 • 1.4 • 105 = 700k. If the computed resistance
for the board thermal resistance is over 1M, choose 1M.
This avoids accuracy degradation due to board leakage
currents. The resulting electrical capacitors and resis-
tors are CE1 = 6.8nF, RE1 = 1.82k, CE2 = 56nF, RE2 =
22.6k, CE3 = 680nF, RE3 = 750k, as shown in Figure 1 and
Figure 3. After the SOA timer is configured, run simula-
tions in LTspice to ensure TMR does not reach its 2.56V
trip point in any operating conditions including start-up
and input step. When it trips in fault conditions such as
output overload or short-circuit, verify the peak tempera-
ture of the MOSFET matches the proposed maximum
temperature. Iterations of the above procedure may be
needed before the RC network is finalized.
Step 4. Design the FET-bad timer. During start-up the FET-
Bad Timer is running. The load capacitor must be fully
charged before this timer expires, or the gate outputs will
be turned off once a FET-bad fault is triggered. For a start-
up time of 3.6ms and taking into account the tolerance of
components, we choose having a 2× safety margin.
CFET = 2 •
TSTART-UP
128ms / µF
= 2 •
3.6ms
128ms / µF
≈ 56nF
(13)
The closest larger available capacitance 62nF is picked.
Step 5. VUV(ON) = 36V, VUV(OFF) = 60V, VPWRGD(UP) =
33V. Select resistive dividers for UV/OV and Power Good
inputs. The UV and OV resistor string values can be solved
in the following method. To keep the error due to 1μA of
leakage to less than 1% choose a divider current of at
least 200μA. R1 < 2.56V/200μA = 12.8kΩ. Then calculate:
R2
=
VOV(OFF)
VUV(ON)
•R1•
UVTH(RISING)
OVTH(FALLING)
– R1
(14)
R3
=
VUV(ON) •(R1+ R2)
UVTH(RISING)
– R1– R2
(15)
In our case we choose R1 to be 4.22k to give a resis-
tor string current greater than 200μA. Then, solving the
equations results in R2 = 3.01k and R3 = 93.1k. A 0.1μF
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com