Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 8Page - Analog Devices LTC4282 Datasheet HTML 9Page - Analog Devices LTC4282 Datasheet HTML 10Page - Analog Devices LTC4282 Datasheet HTML 11Page - Analog Devices LTC4282 Datasheet HTML 12Page - Analog Devices LTC4282 Datasheet HTML 13Page - Analog Devices LTC4282 Datasheet HTML 14Page - Analog Devices LTC4282 Datasheet HTML 15Page - Analog Devices LTC4282 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC4238
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
foldback profile as shown in Figure 2. As the SOURCE
voltage rises, the VDSFB and FB pins follow as set by R6,
R7 and R8. Once the MOSFET drain to source voltage is
lower than its 2V threshold, both GATE pins are higher
than their 8V thresholds, and the FB pin has exceeded its
The MOSFETs are turned off with 10mA from GATE to
SOURCE and with 1mA currents pulling the GATE pins to
ground. With the MOSFET turned off, the SOURCE and FB
voltages drop as the load capacitance discharges. When
the FB voltage crosses below its threshold, PG pulls low
to indicate that the output power is no longer good. If
the VDD pin falls below 5.5V or INTVCC drops below the
undervoltage lockout falling threshold of 3.89V, a fast
shut down of the MOSFET is initiated. The GATE pins are
then pulled down with 0.8A currents to the SOURCE pin.
Overcurrent Protection
The LTC4238 features two levels of protection from short-
circuit and overcurrent conditions. Load current is moni-
tored by the SENSE+ and SENSE– pins across the current
sense resistors. There are two distinct thresholds for the
current sense voltages, an active current limit threshold
and a fast current limit comparator threshold. The fast
current limit comparator threshold is always three times
the nominal current limit threshold. If the sense volt-
age of a channel reaches the current limit threshold, the
corresponding GATE is pulled down until the associated
active current limit loop is engaged. In the event of a cata-
strophic short-circuit or a sudden input step, where the
sense voltage of a channel reaches the fast current limit
comparator threshold, the corresponding GATE is imme-
diately pulled to SOURCE to limit peak current through
the MOSFET. When the sense voltage drops to the current
limit threshold, the active current limit loop is engaged.
Current Limit Foldback
The LTC4238 features an adjustable current limit with
foldback that protects the MOSFETs from excessive power
dissipation. During active current limiting, the available
current is reduced as a function of the voltage across
MOSFET sensed by VDD and VDSFB pins. The higher the
voltage across MOSFET, the lower the current limit thresh-
old will be. The lowest foldback value after start-up is 30%
of the nominal voltage.
The nominal voltage of the LTC4238 current limit thresh-
old is set between 6mV and 20mV in 2mV steps via the
ISET pin (Table 1). This can be used to achieve a given
current limit with the limited selection of standard sense
2.56V threshold, then the PG pin releases high to indicate
power is good and the load may be activated.
In normal operation, the minimum GATE-to-SOURCE
(ΔVGATE) drive voltage is 10V. The ΔVGATE voltage is
clamped below 14V to protect the gates of 20V N-channel
MOSFETs. A curve of ΔVGATE drive versus VDD is shown
in the typical performance characteristics.
Turn-Off Sequence
A normal turn-off sequence is initiated by card removal
when the backplane connector short pin opens, caus-
ing the UV or OV comparator output to change state.
Additionally, several fault conditions can turn off the
GATEs. These include an input overvoltage, input under-
voltage, overcurrent or FET-bad fault.
Figure 2. Power-Up Waveforms
VGS = 8V
LIMITED POWER
CURRENT
LIMITED
MOSFET POWER
30%
100%
POWER GOOD
VGATE
ILOAD • RS
4238 F02
FB
VDD + 12V
VDD + 8V
VDD – VOUT
VSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com