Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 12Page - Analog Devices LTC4282 Datasheet HTML 13Page - Analog Devices LTC4282 Datasheet HTML 14Page - Analog Devices LTC4282 Datasheet HTML 15Page - Analog Devices LTC4282 Datasheet HTML 16Page - Analog Devices LTC4282 Datasheet HTML 17Page - Analog Devices LTC4282 Datasheet HTML 18Page - Analog Devices LTC4282 Datasheet HTML 19Page - Analog Devices LTC4282 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC4238
16
Rev. 0
For more information www.analog.com
internally from VDD to VDSFB. For 12V systems, VDSFB
should be simply connected to SOURCE. For input volt-
ages larger than 12V, add a resistance of 10kΩ/V between
the VDSFB and SOURCE pins. For example, for 48V sys-
tems, a 360k resistor is required to be added between
the two pins.
Note that the SOA timer is independent of the current limit
set via the ISET pin. The current limit may be adjusted with
the ISET pin without the need to modify the thermal RC
network. However, if the sense resistor value is changed,
a modified thermal RC network will be required. Using a
large current limit threshold, such as 20mV, achieves the
greatest accuracy and dynamic range from the SOA timer.
Refer to Typical Performance Characteristics for the SOA
TMR pull-up currents at different ΔVSENSE1 and different
VDD – VDSFB voltages.
The configuration of the thermal RC network for a particu-
lar MOSFET starts with the selection of a desired num-
ber of resistive and capacitive elements. Their values are
decided based on the thermal impedance plot provided
by the MOSFET manufacturer. Three resistors and three
capacitors are usually enough to fit the plot fairly well
from 10μs to 100ms (Figure 1), which covers the timing
range of typical operating and fault conditions. If better
fitting accuracy or wider fitting range is desired, more
elements may be used. After the thermal RC network is
configured, the thermal quantities are then converted to
electric quantities according to Equation 3.
RE = k •Rθ
CE =
Cθ
k
(3)
where RE and CE are electric resistance and capacitance,
respectively and Rθ and Cθ are thermal resistance and
capacitance, respectively. The conversion constant k is
given by Equation 4.
k
=
VDS,MAX •ID,MAX
ITIMER(UP),MAX
•
VTIMER(TH)
ΔTMAX
(4)
• VDS,MAX = The Maximum drain-to-source voltage that
results in VDSFB at 12V below VDD.
• ID,MAX = 20mV/RSENSE1.
• ITIMER(UP),MAX = The TMR pull-up current correspond-
ing to the maximum power dissipation.
PMAX = VDS,MAX • ID,MAX
• VTMR(TH) = TMR rising threshold (2.56V).
• ΔTMAX = The Maximum allowable temperature rise of
the MOSFET.
For example, if VDS,MAX = 58V, ID,MAX = 40A, ITMR(UP),MAX
= 400μA and ΔTMAX = 110°C (175°C TJMAX – 65°C TA),
k = 1.4 • 105 [V2/°C]. A thermal RC network consisting of
three resistors and capacitors that represent the thermal
behavior of PSMN3R7-100BSE is shown in Figure 1.
FET-Bad Fault and Auto-Retry
A damaged MOSFET may have leakage from gate to
drain or have degraded RDS(ON). Debris on the board
may also produce leakage or a short from the GATE pin
to the SOURCE pin, the MOSFET drain, or to ground. In
these conditions the LTC4238 may not be able to pull the
GATE pin high enough to fully enhance the MOSFET, or
the MOSFET may not reach the intended RDS(ON) when the
GATE pin is fully enhanced. This can put the MOSFET in a
condition where the power in the MOSFET is higher than
its continuous power handling capability, even though the
current is below the current limit.
The LTC4238 monitors the integrity of the MOSFETs in
two ways, and acts on both of them in the same manner.
First, the LTC4238 monitors the voltage between the VDD
and SOURCE pins. A comparator detects a high DRAIN-
to-SOURCE voltage (VDS) whenever VDD to SOURCE volt-
age is greater than 100mV. Second, the LTC4238 moni-
tors the GATE voltage. The GATE voltage may not fully
enhance with a damaged MOSFET. A gate low condition is
detected if Gate-to-Source voltage is lower than 8V, and
that channel is not in active current limit.
When either a high DRAIN-to-SOURCE voltage or a gate
low condition is present for either or both MOSFETs while
they are commanded on, the FET-bad timer starts to run.
The logic determining FET-bad condition is in Figure 4.
The external timer capacitor on the TMRFET pin is charged
with a 20μA pull-up current. When the timer reaches the
2.56V rising threshold, a FET-bad fault condition is set, the
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com