Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 18Page - Analog Devices LTC4282 Datasheet HTML 19Page - Analog Devices LTC4282 Datasheet HTML 20Page - Analog Devices LTC4282 Datasheet HTML 21Page - Analog Devices LTC4282 Datasheet HTML 22Page - Analog Devices LTC4282 Datasheet HTML 23Page - Analog Devices LTC4282 Datasheet HTML 24Page - Analog Devices LTC4282 Datasheet HTML 25Page - Analog Devices LTC4282 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC4238
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
0.5m
M1
PSMN3R7-100BSE
RG
10
R1
360k
1%
R3
93.1k
1%
R2
3.01k
1%
R1
4.22k
1%
C3
0.1µF
CFET
0.15µF
R7
62k
1%
R8
5.23k
1%
CT
82nF
CF
0.1µF
CS
UV
FLT#
PG
TMR
VDD
CONFIG1
SENSE1–
SENSE1+
GATE1
SENSE2–
GATE2
SOURCE
VDSFB
FB
LTC4238
SENSE2+
OV
ISET
CONFIG2
INTVCC
TMRFET
GND
BACKPLANE PLUG-IN
BOARD
LOAD
VIN
48V
COMM
RS
CL
4238 F07
VOUT
16A
RBOTTOM
14.7k
1%
RTOP
88.7k
1%
Figure 7. 48V, 16A A Single MOSFET Implementation with HSSS Mode
low SOA MOSFETs (M1A and M1B) with a high current
limit to deliver the full load current. The turn-on sequence
is the opposite of that in the high stress staged start mode
as illustrated in Figure 5b: M2 turns on first and deliv-
ers a low inrush current due to the large sense resistor
RS2. Once the load is fully charged (FB pin is higher than
2.56V) and the start-up MOSFET is fully enhanced (VGATE2
> 8V) and not in active current limit, GATE1 turns on.
When the MOSFETs of both channels are fully enhanced,
the drain-to-source voltage is lower than 2V and FB pin
voltage is higher than 2.56V, power-good is asserted.
The current sense pins for both current limit circuits on
GATE1 and GATE2 must be connected to their corre-
sponding sense resistors. If an overcurrent event occurs,
both GATE1 and GATE2 stay in current limit to share the
stress. GATE1 turns off if the FB pin drops below 2.48V
or GATE2 turns off due to a fault, which is different from
the high stress staged start mode where GATE2 turns off
if GATE1 is in current limit.
The condition to start the FET-bad fault timer in this mode
is the same as in the parallel mode (see Table 2). Since
the FET-bad fault timer is running during the trickle start-
up while the load is slowly charged, the timer duration
must be programmed long enough to avoid turning off
M2 too early.
If the current limit timer is chosen, the TMR capacitor
will be charged only when channel 1 is in current limit.
A single, small TMR capacitor as shown in Figure 6a can
be used to configure a brief delay, which should be within
the worst SOA of M1A/M1B and M2. If the SOA timer is
chosen, an RC network that represents the electric model
for the thermal behavior of M1A or M1B should be con-
nected to TMR. Note that during startup when M1A and
M1B are turned off, the TMR pull-up current still relates
to the power dissipation in M1A and M1B, which is zero.
M2 should be selected so that its SOA allows it to be in
current limit longer than M1A or M1B. In this way M2 is
automatically protected when M1A and M1B turn off in
an overcurrent condition.
Single Driver Mode
Figure 7 shows a single MOSFET application. Configured
in high stress staged start mode, this implementation
behaves as other single Hot Swap controllers like the
LT4256 when the bypass MOSFETs are not stuffed and
the GATE2 pin is open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com